Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25FS406 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LE25FS406
Description  4M-bit (512K횞8) Serial Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FS406 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LE25FS406 Datasheet HTML 1Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 2Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 3Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 4Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 5Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 6Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 7Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 8Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LE25FS406
No.A1577-2/22
Package Dimensions
Package Dimensions
unit:mm (typ)
unit:mm (typ)
3276
[LE25FS406TT]
3391
[LE25FS406LF]
Package Dimensions
Package Dimensions
unit:mm (typ)
unit:mm (typ)
3032E
[LE25FS406MA]
3392A
[LE25FS406FQ]
Figure 1 Pin Assignments
5.2
1.27
(0.7)
0.125
1
4
8
5
0.35
SANYO : MSOP8(225mil)
Top view
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5
MSOP8 (LE25FS406TT)
MFP8 (LE25FS406MA)
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5
VSON8N (LE25FS406LF)
VSON8 (LE25FS406FQ)
Top view
5.0
0.4
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
(0.595)
(4.0)
1.27
1
8
2
2
1
Exposed Die-Pad
Do Not Connect
SANYO : VSON8N(6.0x5.0)
SANYO : VSON8(4.0X3.0)
3.0
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
(1.8)
0.25
(0.525)
0.65
2
2
1
1
8
Exposed Die-Pad
Do Not Connect
SANYO : MFP8(225mil)
12
8
5.0
0.15
0.35
1.27
(0.6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com