Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25FS406 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LE25FS406
Description  4M-bit (512K횞8) Serial Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FS406 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LE25FS406 Datasheet HTML 1Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 2Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 3Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 4Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 5Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 6Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 7Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 8Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
10511 SY/N2410 SY/73010 SY/70710 SY 20100630-S00001/31010 SY No.A1577-1/22
LE25FS406
Overview
The LE25FS406 is a SPI bus flash memory device with a 4M bit (512K
× 8-bit) configuration. It uses a single 1.8V
power supply. While making the most of the features inherent to a serial flash memory device, the LE25FS406 is housed
in an 8-pin ultra-miniature package. All these features make this device ideally suited to storing program in applications
such as portable information devices, which are required to have increasingly more compact dimensions. The
LE25FS406 also has a small sector erase capability which makes the device ideal for storing parameters or data that have
fewer rewrite cycles and conventional EEPROMs cannot handle due to insufficient capacity.
Features
• Read/write operations enabled by single 1.8V power supply: 1.65 to 2.10V supply voltage range
• Operating frequency
: 30MHz
• Temperature range
: 0 to 70
°C / –40 to +85°C (at the planning stage)
• Serial interface
: SPI mode 0, mode 3 supported
• Sector size
: 4K bytes/small sector, 64K bytes/sector
• Small sector erase, sector erase, chip erase functions
• Page program function (256 bytes / page)
• Block protect function
• Data retention period
: 20 years
• Status functions
: Ready/busy information, protect information
• Highly reliable read/write
Number of rewrite times : 100,000 times
Small sector erase time : 40ms (typ.), 150ms (max.)
Sector erase time
: 80ms (typ.), 250ms (max.)
Chip erase time
: 300ms (typ.), 3.0s (max.)
Page program time
: 6.0ms/256 bytes (typ.), 8.0ms/256 bytes (max.)
• Package
: LE25FS406TT MSOP8 (225mil): planning
: LE25FS406LF VSON8N(6.0 × 5.0)
: LE25FS406MA MFP8 (225mil)
: LE25FS406FQ VSON8(4.0 × 3.0)
CMOS IC
4M-bit (512K
×8) Serial Flash Memory
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
Ordering number : ENA1577D


Similar Part No. - LE25FS406

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B Datasheet
143Kb / 21P
CMOS IC 1M-bit (128K횞8) Serial Flash Memory
LE25FU106B SANYO-LE25FU106B Datasheet
167Kb / 21P
1M-bit (128K횞8) Serial Flash Memory
LE25FU106B SANYO-LE25FU106B_11 Datasheet
167Kb / 21P
1M-bit (128K횞8) Serial Flash Memory
LE25FU206 SANYO-LE25FU206 Datasheet
144Kb / 21P
2M-bit Serial Flash Memory
LE25FU206 SANYO-LE25FU206 Datasheet
167Kb / 21P
2M-bit (256K횞8) Serial Flash Memory
More results

Similar Description - LE25FS406

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
4M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25FU406B SANYO-LE25FU406B Datasheet
146Kb / 22P
CMOS IC 4M-bit (512K횞8) Serial Flash Memory
LE25FW418A SANYO-LE25FW418A Datasheet
324Kb / 27P
4M-bit (512K횞8) Serial Flash Memory with High-Density Read Mode
LE25FU406B SANYO-LE25FU406B_10 Datasheet
198Kb / 21P
4M-bit (512K횞8) Serial Flash Memory
LE25FW403A SANYO-LE25FW403A_11 Datasheet
155Kb / 18P
4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
4M-bit (512K횞8) Serial Flash Memory
LE25U40CMC SANYO-LE25U40CMC Datasheet
180Kb / 23P
4M-bit (512K횞8) Serial Flash Memory
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
4M-bit (512K??) Serial Flash Memory
LE25U40CQH SANYO-LE25U40CQH Datasheet
182Kb / 23P
4M-bit (512K횞8) Serial Flash Memory
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
4M-bit (512K x 8) Serial Flash Memory
April, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com