Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25FS406 Datasheet (PDF) - Sanyo Semicon Device

LE25FS406 Datasheet PDF - Sanyo Semicon Device
Part # LE25FS406
Download  LE25FS406 Download
File Size   204.1 Kbytes
Page   22 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4M-bit (512K횞8) Serial Flash Memory

LE25FS406 Datasheet (PDF)

Go To PDF Page Download Datasheet
LE25FS406 Datasheet PDF - Sanyo Semicon Device

Part # LE25FS406
Download  LE25FS406 Click to download

File Size   204.1 Kbytes
Page   22 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4M-bit (512K횞8) Serial Flash Memory

LE25FS406 Datasheet (HTML) - Sanyo Semicon Device


LE25FS406 Product details

Overview

The LE25FS406 is a SPI bus flash memory device with a 4M bit (512K ×8-bit) configuration. It uses a single 1.8V power supply. While making the most of the features inherent to a serial flash memory device, the LE25FS406 is housed in an 8-pin ultra-miniature package. All these features make this device ideally suited to storing program in applications such as portable information devices, which are required to have increasingly more compact dimensions. The LE25FS406 also has a small sector erase capability which makes the device ideal for storing parameters or data that have fewer rewrite cycles and conventional EEPROMs cannot handle due to insufficient capacity.



 




Similar Part No. - LE25FS406

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B Datasheet
143Kb / 21P
CMOS IC 1M-bit (128K횞8) Serial Flash Memory
LE25FU106B SANYO-LE25FU106B Datasheet
167Kb / 21P
1M-bit (128K횞8) Serial Flash Memory
LE25FU106B SANYO-LE25FU106B_11 Datasheet
167Kb / 21P
1M-bit (128K횞8) Serial Flash Memory
LE25FU206 SANYO-LE25FU206 Datasheet
144Kb / 21P
2M-bit Serial Flash Memory
LE25FU206 SANYO-LE25FU206 Datasheet
167Kb / 21P
2M-bit (256K횞8) Serial Flash Memory
More results


Similar Description - LE25FS406

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
4M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25FU406B SANYO-LE25FU406B Datasheet
146Kb / 22P
CMOS IC 4M-bit (512K횞8) Serial Flash Memory
LE25FW418A SANYO-LE25FW418A Datasheet
324Kb / 27P
4M-bit (512K횞8) Serial Flash Memory with High-Density Read Mode
LE25FU406B SANYO-LE25FU406B_10 Datasheet
198Kb / 21P
4M-bit (512K횞8) Serial Flash Memory
LE25FW403A SANYO-LE25FW403A_11 Datasheet
155Kb / 18P
4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
4M-bit (512K횞8) Serial Flash Memory
LE25U40CMC SANYO-LE25U40CMC Datasheet
180Kb / 23P
4M-bit (512K횞8) Serial Flash Memory
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
4M-bit (512K??) Serial Flash Memory
LE25U40CQH SANYO-LE25U40CQH Datasheet
182Kb / 23P
4M-bit (512K횞8) Serial Flash Memory
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
4M-bit (512K x 8) Serial Flash Memory
April, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com