Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25FS406 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LE25FS406
Description  4M-bit (512K횞8) Serial Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FS406 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LE25FS406 Datasheet HTML 1Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 2Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 3Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 4Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 5Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 6Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 7Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 8Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LE25FS406
No.A1577-4/22
CS
SCK
SI
SO
8CLK
Mode3
Mode0
Farst bass
second bass
n bass
MSB
(Bit7)
LSB
(Bit0)
DATA
DATA
Device Operation
The read, erase, program and other required functions of the device are executed through the command registers. The
serial I/O corrugate is shown in Figure 3 and the command list is shown in Table 2. At the falling CS edge the device is
selected, and serial input is enabled for the commands, addresses, etc. These inputs are normalized in 8 bit units and
taken into the device interior in synchronization with the rising edge of SCK, which causes the device to execute
operation according to the command that is input.
The LE25FS406 supports both serial interface SPI mode 0 and SPI mode 3. At the falling CS edge, SPI mode 0 is
automatically selected if the logic level of SCK is low, and SPI mode 3 is automatically selected if the logic level of
SCK is high.
Figure 3 I/O waveforms
Table 2 Command Settings
Command
1st bus cycle
2nd bus cycle
3rd bus cycle
4th bus cycle
5th bus cycle
6th bus cycle
Nth bus cycle
03h
A23-A16
A15-A8
A7-A0
RD *1
RD *1
RD *1
Read
0Bh
A23-A16
A15-A8
A7-A0
X
RD *1
RD *1
Small sector erase
20h / D7h
A23-A16
A15-A8
A7-A0
Sector erase
D8h
A23-A16
A15-A8
A7-A0
Chip erase
60h / C7h
Page program
02h
A23-A16
A15-A8
A7-A0
PD *2
PD *2
PD *2
Write enable
06h
Write disable
04h
Power down
B9h
Status register read
05h
Status register write
01h
DATA
Read silicon ID 1 *2
9Fh
Read silicon ID 2 *3
ABh
X
X
X
power down
B9h
Exit power down mode
ABh
Explanatory notes for Table 2
"X" signifies "don't care" (that is to say, any value may be input).
The "h" following each code indicates that the number given is in hexadecimal notation.
Addresses A23 to A19 for all commands are "Don't care".
*1: "RD" stands for read data. *2: "PD" stands for page program data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com