Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25FS406 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LE25FS406
Description  4M-bit (512K횞8) Serial Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FS406 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LE25FS406 Datasheet HTML 1Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 2Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 3Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 4Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 5Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 6Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 7Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 8Page - Sanyo Semicon Device LE25FS406 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LE25FS406
No.A1577-3/22
Figure 2 Block Diagram
Table 1 Pin Description
Symbol
Pin Name
Description
SCK
Serial clock
This pin controls the data input/output timing.
The input data and addresses are latched synchronized to the rising edge of the serial clock, and the data is
output synchronized to the falling edge of the serial clock.
SI
Serial data input
The data and addresses are input from this pin, and latched internally synchronized to the rising edge of the
serial clock.
SO
Serial data output
The data stored inside the device is output from this pin synchronized to the falling edge of the serial clock.
CS
Chip select
The device becomes active when the logic level of this pin is low; it is deselected and placed in standby
status when the logic level of the pin is high.
WP
Write protect
The status register write protect (SRWP) takes effect when the logic level of this pin is low.
HOLD
Hold
Serial communication is suspended when the logic level of this pin is low.
VDD
Power supply
This pin supplies the 1.65 to 2.10V supply voltage.
VSS
Ground
This pin supplies the 0V supply voltage.
4M Bit
Flash EEPROM
Cell Array
Y-DECODER
I/O BUFFERS
&
DATA LATCHES
CS
SCK
SI
HOLD
WP
SO
X-
DECODER
ADDRESS
BUFFERS
&
LATCHES
SERIAL INTERFACE
CONTROL
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com