Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4302CX2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # IP4302CX2
Description  Low profile bidirectional low capacitance ESD protection diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IP4302CX2 Datasheet(HTML) 5 Page - NXP Semiconductors

  IP4302CX2 Datasheet HTML 1Page - NXP Semiconductors IP4302CX2 Datasheet HTML 2Page - NXP Semiconductors IP4302CX2 Datasheet HTML 3Page - NXP Semiconductors IP4302CX2 Datasheet HTML 4Page - NXP Semiconductors IP4302CX2 Datasheet HTML 5Page - NXP Semiconductors IP4302CX2 Datasheet HTML 6Page - NXP Semiconductors IP4302CX2 Datasheet HTML 7Page - NXP Semiconductors IP4302CX2 Datasheet HTML 8Page - NXP Semiconductors IP4302CX2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IP4302CX2_A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 28 November 2011
5 of 10
NXP Semiconductors
IP4302CX2/A
Low profile bidirectional ESD protection diode
8. Ground planes should be used whenever possible; for multilayer PCBs use ground
vias
7.
Package outline
Fig 3.
Package outline IP4302CX2/A (WLCSP2)
wlcsp2_a1-a1_po
European
projection
WLCSP2: wafer level chip-size package; 2 bumps (A1-A1)
detail X
X
A
A2
A1
D
b1
E
A1
A1
b
e
Table 6.
Dimensions for Figure 3
Symbol
Min
Typ
Max
Unit
A
0.37
0.40
0.43
mm
A1
0.05
0.06
0.07
mm
A2
0.32
0.34
0.36
mm
b
-
0.14
-
mm
b1
-0.35
-
mm
D
0.49
0.52
0.55
mm
E
0.67
0.70
0.73
mm
e-
0.4
-
mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com