Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4302CX2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IP4302CX2
Description  Low profile bidirectional low capacitance ESD protection diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IP4302CX2 Datasheet(HTML) 2 Page - NXP Semiconductors

  IP4302CX2 Datasheet HTML 1Page - NXP Semiconductors IP4302CX2 Datasheet HTML 2Page - NXP Semiconductors IP4302CX2 Datasheet HTML 3Page - NXP Semiconductors IP4302CX2 Datasheet HTML 4Page - NXP Semiconductors IP4302CX2 Datasheet HTML 5Page - NXP Semiconductors IP4302CX2 Datasheet HTML 6Page - NXP Semiconductors IP4302CX2 Datasheet HTML 7Page - NXP Semiconductors IP4302CX2 Datasheet HTML 8Page - NXP Semiconductors IP4302CX2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IP4302CX2_A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 28 November 2011
2 of 10
NXP Semiconductors
IP4302CX2/A
Low profile bidirectional ESD protection diode
1.4 Quick reference data
[1]
Device is qualified with 1000 pulses of
15 kV contact discharges each, according to the IEC 61000-4-2
model and far exceeds the specified level 4 (8 kV contact discharge).
[2]
A special robust test is performed stressing the devices with
 1000 contact discharges according to the
IEC 61000-4-2 model and far exceeds the specified level 4 (8 kV contact discharge).
2.
Pinning information
[1]
The device is electrically and mechanically symmetrical. Thus no marking is needed.
3.
Ordering information
Table 1.
Quick reference data
Tamb =25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBR
breakdown voltage
IR = 1 mA
14.0
16.5
-
V
IR = 1mA
-
16.5
14.0
V
Cd
diode capacitance
f = 1 MHz; VR = 0 V
--10
pF
VESD
electrostatic discharge
voltage
contact discharge
[1][2]
15
-
+15
kV
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode (diode 1)
[1]
2
cathode (diode 2)
001aao233
A1
(1)
A1
(2)
006aab041
12
Table 3.
Ordering information
Type number Package
Name
Description
Version
IP4302CX2/A
WLCSP2 wafer level chip-size package; 2 bumps (A1-A1)
IP4302CX2/A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com