Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4302CX2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IP4302CX2
Description  Low profile bidirectional low capacitance ESD protection diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IP4302CX2 Datasheet(HTML) 3 Page - NXP Semiconductors

  IP4302CX2 Datasheet HTML 1Page - NXP Semiconductors IP4302CX2 Datasheet HTML 2Page - NXP Semiconductors IP4302CX2 Datasheet HTML 3Page - NXP Semiconductors IP4302CX2 Datasheet HTML 4Page - NXP Semiconductors IP4302CX2 Datasheet HTML 5Page - NXP Semiconductors IP4302CX2 Datasheet HTML 6Page - NXP Semiconductors IP4302CX2 Datasheet HTML 7Page - NXP Semiconductors IP4302CX2 Datasheet HTML 8Page - NXP Semiconductors IP4302CX2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IP4302CX2_A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 28 November 2011
3 of 10
NXP Semiconductors
IP4302CX2/A
Low profile bidirectional ESD protection diode
4.
Limiting values
[1]
Device is qualified with 1000 pulses of
15 kV contact discharges each, according to the IEC 61000-4-2
model and far exceeds the specified level 4 (8 kV contact discharge).
[2]
A special robust test is performed stressing the devices with
 1000 contact discharges according to the
IEC 61000-4-2 model and far exceeds the specified level 4 (8 kV contact discharge).
5.
Characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VESD
electrostatic
discharge voltage
contact discharge
[1][2]
15
+15
kV
air discharge
15
+15
kV
IEC 61000-4-2 level 4
contact discharge
8+8
kV
air discharge
15
+15
kV
MIL-STD-883D (method 3015) HBM
4+4
kV
Tj
junction temperature
-
150
C
Tamb
ambient temperature
35
+85
C
Tstg
storage temperature
65
+150
C
Table 5.
Characteristics
Tamb =25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ILR
reverse leakage current
VRWM = 5 V
--20
nA
VRWM = 5V
20
-
-
nA
VBR
breakdown voltage
IR = 1 mA
14.0
16.5
-
V
IR = 1mA
-
16.5 14.0 V
Cd
diode capacitance
f = 1 MHz; VR = 0 V
--10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com