Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4302CX2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IP4302CX2
Description  Low profile bidirectional low capacitance ESD protection diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IP4302CX2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button IP4302CX2 Datasheet HTML 2Page - NXP Semiconductors IP4302CX2 Datasheet HTML 3Page - NXP Semiconductors IP4302CX2 Datasheet HTML 4Page - NXP Semiconductors IP4302CX2 Datasheet HTML 5Page - NXP Semiconductors IP4302CX2 Datasheet HTML 6Page - NXP Semiconductors IP4302CX2 Datasheet HTML 7Page - NXP Semiconductors IP4302CX2 Datasheet HTML 8Page - NXP Semiconductors IP4302CX2 Datasheet HTML 9Page - NXP Semiconductors IP4302CX2 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IP4302CX2_A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 28 November 2011
6 of 10
NXP Semiconductors
IP4302CX2/A
Low profile bidirectional ESD protection diode
8.
Soldering
8.1 Reflow soldering recommendation
The device is capable of withstanding at least three reflows with this profile.
Fig 4.
Pb-free solder reflow profile
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Treflow(peak)
peak reflow temperature
230
-
260
C
t1
time 1
soak time
60
-
180
s
t2
time 2
time during T
 250 C-
-
30
s
t3
time 3
time during T
 230 C10
-
50
s
t4
time 4
time during T > 217
C
30
-
150
s
t5
time 5
-
-
540
s
dT/dt
rate of change of
temperature
cooling rate
-
-
6
C/s
preheat
2.5
-
4.0
C/s
001aai943
Treflow(peak)
250
230
217
T
(
°C)
cooling rate
preheat
t1
t5
t4
t3
t2
t (s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com