Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4302CX2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IP4302CX2
Description  Low profile bidirectional low capacitance ESD protection diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IP4302CX2 Datasheet(HTML) 1 Page - NXP Semiconductors

  IP4302CX2 Datasheet HTML 1Page - NXP Semiconductors IP4302CX2 Datasheet HTML 2Page - NXP Semiconductors IP4302CX2 Datasheet HTML 3Page - NXP Semiconductors IP4302CX2 Datasheet HTML 4Page - NXP Semiconductors IP4302CX2 Datasheet HTML 5Page - NXP Semiconductors IP4302CX2 Datasheet HTML 6Page - NXP Semiconductors IP4302CX2 Datasheet HTML 7Page - NXP Semiconductors IP4302CX2 Datasheet HTML 8Page - NXP Semiconductors IP4302CX2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
The IP4302CX2/A is a bidirectional diode which is designed to provide protection to
downstream components from ElectroStatic Discharge (ESD) voltages as high as
15 kV
contact discharge according to the IEC 61000-4-2 model, far exceeding standard level 4.
The device is fabricated using monolithic silicon technology and integrates one pair of
back-to-back diodes in a 0.4 mm pitch Wafer-Level Chip-Scale Package (WLCSP).
These features make the IP4302CX2/A ideal for use in applications requiring the utmost
in miniaturization such as mobile phone handsets, cordless telephones and other portable
electronic devices.
1.2 Features and benefits
Pb-free, RoHS compliant and free of halogen and antimony (Dark Green compliant)
Bidirectional ESD protection of one line
Integrated ESD protection withstanding
15 kV contact discharge, far exceeding
IEC 61000-4-2 level 4
Ultra low height of 0.40 mm only
0.52 mm
 0.7 mm size package
1.3 Applications
Cellular handsets and accessories
Portable electronics
Subscriber Identity Module (SIM) card protection
Communication systems
Computers and peripherals
IP4302CX2/A
Low profile bidirectional low capacitance ESD protection
diode
Rev. 1 — 28 November 2011
Product data sheet


Similar Part No. - IP4302CX2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4302CX2_A NXP-IP4302CX2_A Datasheet
453Kb / 11P
Low profile bidirectional low capacitance ESD protection diode
Rev. 1-28 November 2011
IP4302CX2_A PHILIPS-IP4302CX2_A_15 Datasheet
218Kb / 10P
Low profile bidirectional low capacitance ESD protection diode
Rev. 1-28 November 2011
More results

Similar Description - IP4302CX2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S1BSF NXP-PESD5V0S1BSF Datasheet
298Kb / 13P
Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 1-12 November 2010
PESD5V0S1BSF NXP-PESD5V0S1BSF_11 Datasheet
139Kb / 13P
Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 2-18 February 2011
IP4302CX2_A PHILIPS-IP4302CX2_A_15 Datasheet
218Kb / 10P
Low profile bidirectional low capacitance ESD protection diode
Rev. 1-28 November 2011
PESD5V0L1BSF PHILIPS-PESD5V0L1BSF Datasheet
162Kb / 13P
Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 1-18 February 2011
IP4302CX2_A NXP-IP4302CX2_A Datasheet
453Kb / 11P
Low profile bidirectional low capacitance ESD protection diode
Rev. 1-28 November 2011
logo
Nexperia B.V. All right...
PESD3V3V1BL NEXPERIA-PESD3V3V1BL Datasheet
251Kb / 13P
Low capacitance bidirectional ESD protection diode
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
logo
Nexperia B.V. All right...
PESD5V0S1BL-Q NEXPERIA-PESD5V0S1BL-Q Datasheet
211Kb / 11P
Low capacitance bidirectional ESD protection diode
23 November 2022
PESD5V0L1BSF NEXPERIA-PESD5V0L1BSF Datasheet
755Kb / 13P
Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 1 - 18 February 2011
PESD5V0S1BSF NEXPERIA-PESD5V0S1BSF Datasheet
742Kb / 13P
Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 2 - 18 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com