Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16CLZPIP Datasheet(PDF) 39 Page - Winbond

Part # W25Q16CLZPIP
Description  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLZPIP Datasheet(HTML) 39 Page - Winbond

Back Button W25Q16CLZPIP Datasheet HTML 35Page - Winbond W25Q16CLZPIP Datasheet HTML 36Page - Winbond W25Q16CLZPIP Datasheet HTML 37Page - Winbond W25Q16CLZPIP Datasheet HTML 38Page - Winbond W25Q16CLZPIP Datasheet HTML 39Page - Winbond W25Q16CLZPIP Datasheet HTML 40Page - Winbond W25Q16CLZPIP Datasheet HTML 41Page - Winbond W25Q16CLZPIP Datasheet HTML 42Page - Winbond W25Q16CLZPIP Datasheet HTML 43Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
W25Q16CL
Publication Release Date: July 08, 2010
- 39 -
Preliminary - Revision A
11.2.19 Continuous Read Mode Bits (M7-0)
The “Continuous Read Mode” bits are used in conjunction with “Fast Read Dual I/O”, “Fast Read Quad
I/O”, “Word Read Quad I/O” and “Octal Word Read Quad I/O” instructions to provide the highest random
Flash memory access rate with minimum SPI instruction overhead, thus allow true XIP (execute in place)
to be performed on serial flash devices.
M7-0 need to be set by the Dual/Quad I/O Read instructions. M5-4 are used to control whether the 8-bit
SPI instruction code (BBh, EBh, E7h or E3h) is needed or not for the next command. When M5-4 = (1,0),
the next command will be treated same as the current Dual/Quad I/O Read command without needing
the 8-bit instruction code; when M5-4 do not equal to (1,0), the device returns to normal SPI mode, all
commands can be accepted. M7-6 and M3-0 are reserved bits for future use, either 0 or 1 values can be
used.
11.2.20 Continuous Read Mode Reset (FFh or FFFFh)
Continuous Read Mode Reset instruction can be used to set M4 = 1, thus the device will release the
Continuous Read Mode and return to normal SPI operation, as shown in figure 18.
/CS
Mode Bit Reset
for Dual I/O
Mode 3
Mode 0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
Mode Bit Reset
for Quad I/O
FFh
FFh
Don’t Care
Don’t Care
CLK
IO
0
IO
1
IO
2
/CS
Mode Bit Reset
for Dual I/O
Mode 3
Mode 0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
Mode Bit Reset
for Quad I/O
FFh
FFh
Don’t Care
Don’t Care
Don’t Care
IO
3
Don’t Care
IO
3
CLK
IO
0
IO
1
IO
2
Figure 18. Continuous Read Mode Reset for Fast Read Dual/Quad I/O
Since W25Q16CL does not have a hardware Reset pin, so if the controller resets while W25Q16CL is set
to Continuous Mode Read, the W25Q16CL will not recognize any initial standard SPI instructions from
the controller. To address this possibility, it is recommended to issue a Continuous Read Mode Reset
instruction as the first instruction after a system Reset. Doing so will release the device from the
Continuous Read Mode and allow Standard SPI instructions to be recognized.
To reset “Continuous Read Mode” during Quad I/O operation, only eight clocks are needed. The
instruction is “FFh”. To reset “Continuous Read Mode” during Dual I/O operation, sixteen clocks are
needed to shift in instruction “FFFFh”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com