Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16CLZPIP Datasheet(PDF) 71 Page - Winbond

Part # W25Q16CLZPIP
Description  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLZPIP Datasheet(HTML) 71 Page - Winbond

Back Button W25Q16CLZPIP Datasheet HTML 67Page - Winbond W25Q16CLZPIP Datasheet HTML 68Page - Winbond W25Q16CLZPIP Datasheet HTML 69Page - Winbond W25Q16CLZPIP Datasheet HTML 70Page - Winbond W25Q16CLZPIP Datasheet HTML 71Page - Winbond W25Q16CLZPIP Datasheet HTML 72Page - Winbond W25Q16CLZPIP Datasheet HTML 73Page - Winbond W25Q16CLZPIP Datasheet HTML 74Page - Winbond W25Q16CLZPIP Datasheet HTML 75Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
W25Q16CL
Publication Release Date: July 08, 2010
- 71 -
Preliminary - Revision A
13.3 8-Pin PDIP 300-mil (Package Code DA)
MILLIMETERS
INCHES
SYMBOL
Min
Nom
Max
Min
Nom
Max
A
---
---
5.33
---
---
0.210
A1
0.38
---
---
0.015
---
---
A2
3.18
3.30
3.43
0.125
0.130
0.135
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62 BSC.
0.300 BSC.
E1
6.22
6.35
6.48
0.245
0.250
0.255
L
2.92
3.30
3.81
0.115
0.130
0.150
eB
8.51
9.02
9.53
0.335
0.355
0.375
θ°
0°
7°
15°
0°
7°
15°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com