Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16CLZPIP Datasheet(PDF) 29 Page - Winbond

Part # W25Q16CLZPIP
Description  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLZPIP Datasheet(HTML) 29 Page - Winbond

Back Button W25Q16CLZPIP Datasheet HTML 25Page - Winbond W25Q16CLZPIP Datasheet HTML 26Page - Winbond W25Q16CLZPIP Datasheet HTML 27Page - Winbond W25Q16CLZPIP Datasheet HTML 28Page - Winbond W25Q16CLZPIP Datasheet HTML 29Page - Winbond W25Q16CLZPIP Datasheet HTML 30Page - Winbond W25Q16CLZPIP Datasheet HTML 31Page - Winbond W25Q16CLZPIP Datasheet HTML 32Page - Winbond W25Q16CLZPIP Datasheet HTML 33Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
W25Q16CL
Publication Release Date: July 08, 2010
- 29 -
Preliminary - Revision A
11.2.13 Fast Read Quad Output (6Bh)
The Fast Read Quad Output (6Bh) instruction is similar to the Fast Read Dual Output (3Bh) instruction
except that data is output on four pins, IO0, IO1, IO2, and IO3. A Quad enable of Status Register-2 must be
executed before the device will accept the Fast Read Quad Output Instruction (Status Register bit QE
must equal 1). The Fast Read Quad Output Instruction allows data to be transferred from the W25Q16CL
at four times the rate of standard SPI devices.
The Fast Read Quad Output instruction can operate at the highest possible frequency of FR (see AC
Electrical Characteristics). This is accomplished by adding eight “dummy” clocks after the 24-bit address
as shown in figure 12. The dummy clocks allow the device's internal circuits additional time for setting up
the initial address. The input data during the dummy clocks is “don’t care”. However, the IO pins should
be high-impedance prior to the falling edge of the first data out clock.
Figure 12. Fast Read Quad Output Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com