Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16CLZPIP Datasheet(PDF) 41 Page - Winbond

Part # W25Q16CLZPIP
Description  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLZPIP Datasheet(HTML) 41 Page - Winbond

Back Button W25Q16CLZPIP Datasheet HTML 37Page - Winbond W25Q16CLZPIP Datasheet HTML 38Page - Winbond W25Q16CLZPIP Datasheet HTML 39Page - Winbond W25Q16CLZPIP Datasheet HTML 40Page - Winbond W25Q16CLZPIP Datasheet HTML 41Page - Winbond W25Q16CLZPIP Datasheet HTML 42Page - Winbond W25Q16CLZPIP Datasheet HTML 43Page - Winbond W25Q16CLZPIP Datasheet HTML 44Page - Winbond W25Q16CLZPIP Datasheet HTML 45Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
W25Q16CL
Publication Release Date: July 08, 2010
- 41 -
Preliminary - Revision A
11.2.22 Quad Input Page Program (32h)
The Quad Page Program instruction allows up to 256 bytes of data to be programmed at previously
erased (FFh) memory locations using four pins: IO0, IO1, IO2, and IO3. The Quad Page Program can
improve performance for PROM Programmer and applications that have slow clock speeds <5MHz.
Systems with faster clock speed will not realize much benefit for the Quad Page Program instruction
since the inherent page program time is much greater than the time it take to clock-in the data.
To use Quad Page Program the Quad Enable in Status Register-2 must be set (QE=1). A Write Enable
instruction must be executed before the device will accept the Quad Page Program instruction (Status
Register-1, WEL=1). The instruction is initiated by driving the /CS pin low then shifting the instruction
code “32h” followed by a 24-bit address (A23-A0) and at least one data byte, into the IO pins. The /CS pin
must be held low for the entire length of the instruction while data is being sent to the device. All other
functions of Quad Page Program are identical to standard Page Program. The Quad Page Program
instruction sequence is shown in figure 20.
Figure 20. Quad Input Page Program Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com