Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16CLZPIP Datasheet(PDF) 18 Page - Winbond

Part # W25Q16CLZPIP
Description  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLZPIP Datasheet(HTML) 18 Page - Winbond

Back Button W25Q16CLZPIP Datasheet HTML 14Page - Winbond W25Q16CLZPIP Datasheet HTML 15Page - Winbond W25Q16CLZPIP Datasheet HTML 16Page - Winbond W25Q16CLZPIP Datasheet HTML 17Page - Winbond W25Q16CLZPIP Datasheet HTML 18Page - Winbond W25Q16CLZPIP Datasheet HTML 19Page - Winbond W25Q16CLZPIP Datasheet HTML 20Page - Winbond W25Q16CLZPIP Datasheet HTML 21Page - Winbond W25Q16CLZPIP Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
W25Q16CL
- 18 -
11.2 INSTRUCTIONS
The instruction set of the W25Q16CL consists of thirty five basic instructions that are fully controlled
through the SPI bus (see Instruction Set table1-3). Instructions are initiated with the falling edge of Chip
Select (/CS). The first byte of data clocked into the DI input provides the instruction code. Data on the DI
input is sampled on the rising edge of clock with most significant bit (MSB) first.
Instructions vary in length from a single byte to several bytes and may be followed by address bytes, data
bytes, dummy bytes (don’t care), and in some cases, a combination. Instructions are completed with the
rising edge of edge /CS. Clock relative timing diagrams for each instruction are included in figures 4
through 37. All read instructions can be completed after any clocked bit. However, all instructions that
Write, Program or Erase must complete on a byte boundary (/CS driven high after a full 8-bits have been
clocked) otherwise the instruction will be ignored. This feature further protects the device from inadvertent
writes. Additionally, while the memory is being programmed or erased, or when the Status Register is
being written, all instructions except for Read Status Register will be ignored until the program or erase
cycle has completed.
11.2.1 Manufacturer and Device Identification
MANUFACTURER ID
(MF7-MF0)
Winbond Serial Flash
EFh
Device ID
(ID7-ID0)
(ID15-ID0)
Instruction
ABh, 90h
9Fh
W25Q16CL
14h
4015h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com