Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB233AFILF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9DB233AFILF
Description  Two Output Differential Buffer for PCIe Gen3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB233AFILF Datasheet(HTML) 2 Page - Integrated Device Technology

  9DB233AFILF Datasheet HTML 1Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 2Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 3Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 4Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 5Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 6Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 7Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 8Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IDT® Two Output Differential Buffer for PCIe Gen3
1667C—04/20/11
9DB233
Two Output Differential Buffer for PCIe Gen3
2
Datasheet
Pin Configuration
Power Distribution Table
VDD
GND
5,9,12,16
6,15
Differential Outputs
9
6
SMBUS
20
19
IREF
20
19
Analog VDD & GND for PLL core
Description
Pin Number
PLL_BW 1
20 VDDA
SRC_IN 2
19 GNDA
SRC_IN# 3
18 IREF
vOE0# 4
17 vOE1#
VDD 5
16 VDD
GND 6
15 GND
DIF_0 7
14 DIF_1
DIF_0# 8
13 DIF_1#
VDD 9
12 VDD
SMBDAT 10
11 SMBCLK
N ote: Pins preceeded by ' v ' have internal
120K ohm pull down resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com