Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB233AFILF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 9DB233AFILF
Description  Two Output Differential Buffer for PCIe Gen3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB233AFILF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 9DB233AFILF Datasheet HTML 2Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 3Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 4Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 5Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 6Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 7Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 8Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 9Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IDT® Two Output Differential Buffer for PCIe Gen3
1667C—04/20/11
9DB233
Two Output Differential Buffer for PCIe Gen3
6
Datasheet
Electrical Characteristics - Output Duty Cycle, Jitter, Skew and PLL Characterisitics
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
-3dB point in High BW Mode
2
2.3
4
MHz
1
-3dB point in Low BW Mode
0.4
0.5
1
MHz
1
PLL Jitter Peaking
tJPEAK
Peak Pass band Gain
1
2
dB
1
Duty Cycle
tDC
Measured differentially, PLL Mode
45
48
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode @100MHz
-2
1
2
%
1,4
tpdBYP
Bypass Mode, VT = 50%
2500
3660
4500
ps
1
tpdPLL
Hi BW PLL Mode VT = 50%
-250
0
250
ps
1
Skew, Output to Output
tsk3
VT = 50%
15
50
ps
1
PLL mode
40
50
ps
1,3
Additive
Jitter in Bypass Mode
10
50
ps
1,3
1Guaranteed by design and characterization, not 100% tested in production.
2 I
REF = VDD/(3xRR). For RR = 475
(1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50 .
3 Measured from differential waveform
4 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
Skew, Input to Output
Jitter, Cycle to cycle
tjcyc-cyc
PLL Bandwidth
BW
Electrical Characteristics - PCIe Phase Jitter Parameters
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
32
86
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
1.1
3
ps
(rms)
1,2
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
2.3
3.1
ps
(rms)
1,2
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.5
1
ps
(rms)
1,2,4
tjphPCIeG1
PCIe Gen 1
2
5
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.2
0.3
ps
(rms)
1,2
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
0.8
1
ps
(rms)
1,2
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.1
0.2
ps
(rms)
1,2,4
1 Applies to all outputs.
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 Subject to final radification by PCI SIG.
tjphPCIeG2
2 See http://www.pcisig.com for complete specs
tjphPCIeG2
Phase Jitter, PLL Mode
Additive Phase Jitter,
Bypass Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com