Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB233AFILF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9DB233AFILF
Description  Two Output Differential Buffer for PCIe Gen3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB233AFILF Datasheet(HTML) 3 Page - Integrated Device Technology

  9DB233AFILF Datasheet HTML 1Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 2Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 3Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 4Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 5Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 6Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 7Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 8Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IDT® Two Output Differential Buffer for PCIe Gen3
1667C—04/20/11
9DB233
Two Output Differential Buffer for PCIe Gen3
3
Datasheet
Pin Description
PIN # PIN NAME PIN TYPE
DESCRIPTION
1
PLL_BW
IN
3.3V input for selecting PLL Band Width
0 = low, 1= high
2
SRC_IN
IN
0.7 V Differential SRC TRUE input
3
SRC_IN#
IN
0.7 V Differential SRC COMPLEMENTARY input
4
v OE0#
IN
Activ e low input for enabling DIF pair 0. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
5
VDD
PWR
Power supply , nominal 3.3V
6
GND
PWR
Ground pin.
7
DIF_0
OUT
0.7V differential true clock output
8
DIF_0#
OUT
0.7V differential Complementary clock output
9
VDD
PWR
Power supply , nominal 3.3V
10
SMBDAT
I/O
Data pin of SMBUS c ircuitry, 5V tolerant
11
SMBCLK
IN
Clock pin of SMBUS c ircuitry, 5V tolerant
12
VDD
PWR
Power supply , nominal 3.3V
13
DIF_1#
OUT
0.7V differential Complementary clock output
14
DIF_1
OUT
0.7V differential true clock output
15
GND
PWR
Ground pin.
16
VDD
PWR
Power supply , nominal 3.3V
17
v OE1#
IN
Activ e low input for enabling DIF pair 1. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
18
IREF
OUT
This pin establishes the reference for the differential current-mode output pairs. It
requires a fixed precision resistor to ground. 475ohm is the standard value for
100ohm differential impedance. Other impedances require different v alues. See
data sheet.
19
GNDA
PWR
Ground pin for the PLL c ore.
20
VDDA
PWR
3.3V power for the PLL core.
Pins preceeded by ' v ' have internal 120K ohm pull down resistors
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com