Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB233AFILF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9DB233AFILF
Description  Two Output Differential Buffer for PCIe Gen3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB233AFILF Datasheet(HTML) 5 Page - Integrated Device Technology

  9DB233AFILF Datasheet HTML 1Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 2Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 3Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 4Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 5Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 6Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 7Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 8Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IDT® Two Output Differential Buffer for PCIe Gen3
1667C—04/20/11
9DB233
Two Output Differential Buffer for PCIe Gen3
5
Datasheet
Electrical Characteristics - Clock Input Parameters
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input High Voltage - DIF_IN
VIHDIF
Differential inputs
(single-ended measurement)
600
800
1150
mV
1
Input Low Voltage - DIF_IN
VILDIF
Differential inputs
(single-ended measurement)
VSS - 300
0
300
mV
1
Input Common Mode
Voltage - DIF_IN
VCOM
Common Mode Input Voltage
300
1000
mV
1
Input Amplitude - DIF_IN
VSWING
Peak to Peak value
300
1450
mV
1
Input Slew Rate - DIF_IN
dv/dt
Measured differentially
0.4
8
V/ns
1,2
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
1
Input Duty Cycle
dtin
Measurement from differential wavefrom
45
55
%
1
Input Jitter - Cycle to Cycle
JDIFIn
Differential Measurement
0
125
ps
1
1 Guaranteed by design and characterization, not 100% tested in production.
2Slew rate measured through +/-75mV window centered around differential zero
Electrical Characteristics - DIF 0.7V Current Mode Differential Outputs
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Slew rate
Trf
Scope averaging on
0.6
2.5
4
V/ns
1, 2, 3
Slew rate matching
∆
Trf
Slew rate matching, Scope averaging on
9.5
20
%
1, 2, 4
Voltage High
VHigh
660
740
850
1
Voltage Low
VLow
-150
8
150
1
Max Voltage
Vmax
760
1150
1
Min Voltage
Vmin
-300
-3
1
Vswing
Vswing
Scope averaging off
300
1506
mV
1, 2
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
250
378
550
mV
1, 5
Crossing Voltage (var)
∆
-Vcross
Scope averaging off
54
140
mV
1, 6
2 Measured from differential waveform
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of V_cross_min/max (V_cross absolute)
allowed. The intent is to limit Vcross induced modulation by setting V_cross_delta to be smaller than V_cross absolute.
mV
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope averaging
on)
Measurement on single ended signal using absolute
value. (Scope averaging off)
mV
1Guaranteed by design and characterization, not 100% tested in production. IREF = VDD/(3xR
R). For RR = 475
(1%), IREF = 2.32mA. IOH =
6 x IREF and VOH = 0.7V @ ZO=50 (100Ω differential impedance).
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on the
average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising edge (i.e.
Clock rising and Clock# falling).
Electrical Characteristics - Current Consumption
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Operating Supply Current
IDD3.3OP
All outputs active @100MHz, CL = Full load;
70
80
mA
1
IDD3.3PD
All diff pairs driven
N/A
mA
1
IDD3.3PDZ
All differential pairs tri-stated
N/A
mA
1
1Guaranteed by design and characterization, not 100% tested in production.
Powerdown Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com