Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB233AFILF Datasheet(PDF) 14 Page - Integrated Device Technology

Part # 9DB233AFILF
Description  Two Output Differential Buffer for PCIe Gen3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB233AFILF Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button 9DB233AFILF Datasheet HTML 6Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 7Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 8Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 9Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 10Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 11Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 12Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 13Page - Integrated Device Technology 9DB233AFILF Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
9DB233
Two Output Differential Buffer for PCIe Gen3
14
Datasheet
Innovate with IDT and accelerate your future networks. Contact:
www.IDT.com
For Sales
800-345-7015
408-284-8200
Fax: 408-284-2775
For Tech Support
408-284-6578
pcclockhelp@idt.com
Corporate Headquarters
Integrated Device Technology, Inc.
6024 Silver Creek Valley Road
San Jose, CA 95138
United States
800 345 7015
+408 284 8200 (outside U.S.)
Asia Pacific and Japan
IDT Singapore Pte. Ltd.
1 Kallang Sector #07-01/06
KolamAyer Industrial Park
Singapore 349276
Phone: 65-6-744-3356
Fax: 65-6-744-1764
Europe
IDT Europe Limited
321 Kingston Road
Leatherhead, Surrey
KT22 7TU
England
Phone: 44-1372-363339
Fax: 44-1372-378851
© 2010 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. IDT, ICS, and the IDT logo are trademarks
of Integrated Device Technology, Inc. Accelerated Thinking is a service mark of Integrated Device Technology, Inc. All other brands, product names and marks
are or may be trademarks or registered trademarks used to identify products or services of their respective owners.
Printed in USA
Revision History
Rev.
Who Issue Date Description
Page #
0.1
RDW
4/28/2010 1. Initial Release
0.2
RDW
6/3/2010
1. Updated Pin names to match other 9DB devices CLKREQ# becomes OE#
and PCIEXyy becomes DIF_yy
2. Updated maximum rise/fall time to 550ps from 700ps. This translates to a
minimum slew rate of 0.67V/ns thus meeting the PCIe spec of 0.6V/ns.
3. Updated phase jitter tables to remove references to QPI.
4. Reformatted DS to have common format amongst all 9DBx33 DS.
5. Updated block diagram to match item 1
6
0.3
RDW
6/25/2010
1. Updated electrical tables to new standard format for 9DB devices.
2. Cleaned up front page text.
1, 3-6
A
RDW
6/30/2010 Released to final
B
RDW
7/12/2010 1. Changed PWD to Default in SMBus tables.
10,11
C
RDW
4/20/2011 Changed pull down indicator from '**' to ' v '.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com