Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P935 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS9P935
Description  DDR I/DDR II Phase Lock Loop Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9P935 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS9P935 Datasheet HTML 1Page - Integrated Device Technology ICS9P935 Datasheet HTML 2Page - Integrated Device Technology ICS9P935 Datasheet HTML 3Page - Integrated Device Technology ICS9P935 Datasheet HTML 4Page - Integrated Device Technology ICS9P935 Datasheet HTML 5Page - Integrated Device Technology ICS9P935 Datasheet HTML 6Page - Integrated Device Technology ICS9P935 Datasheet HTML 7Page - Integrated Device Technology ICS9P935 Datasheet HTML 8Page - Integrated Device Technology ICS9P935 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IDTTM/ICSTM
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS9P935
REV H
12/1/08
ICS9P935
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2
Pin Description
Pin#
Pin Name
Type
Pin Description
1
DDRC0
OUT
"Complementary" Clock of differential pair output.
2
DDRT0
OUT
"True" Clock of differential pair output.
3
VDD2.5/1.8
PWR
Power supply, nominal 2.5V or 1.8V
4
DDRT1
OUT
"True" Clock of differential pair output.
5
DDRC1
OUT
"Complementary" Clock of differential pair output.
6
GND
PWR
Ground pin.
7
VDDA2.5/1.8
PWR
Output power supply, nominal 2.5V or 1.8V
8
GND
PWR
Ground pin.
9
CLK_INT
IN
"True" reference clock input.
10
CLK_INC
IN
"Complementary" reference clock input.
11
VDD2.5/1.8
PWR
Power supply, nominal 2.5V or 1.8V
12
DDRT2
OUT
"True" Clock of differential pair output.
13
DDRC2
OUT
"Complementary" Clock of differential pair output.
14
GND
PWR
Ground pin.
15
DDRC3
OUT
"Complementary" Clock of differential pair output.
16
DDRT3
OUT
"True" Clock of differential pair output.
17
FB_OUT
OUT
Feedback output, dedicated for external feedback.
18
FB_IN
IN
Single-ended feedback input, provides feedback signal to internal PLL to eliminate
phase error with the input clock.
19
SCLK
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
20
SDATA
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
21
VDD2.5/1.8
PWR
Power supply, nominal 2.5V or 1.8V
22
DDRT4
OUT
"True" Clock of differential pair output.
23
DDRC4
OUT
"Complementary" Clock of differential pair output.
24
GND
PWR
Ground pin.
25
VDD2.5/1.8
PWR
Power supply, nominal 2.5V or 1.8V
26
DDRT5
OUT
"True" Clock of differential pair output.
27
DDRC5
OUT
"Complementary" Clock of differential pair output.
28
GND
PWR
Ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com