Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P935 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS9P935
Description  DDR I/DDR II Phase Lock Loop Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9P935 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS9P935 Datasheet HTML 1Page - Integrated Device Technology ICS9P935 Datasheet HTML 2Page - Integrated Device Technology ICS9P935 Datasheet HTML 3Page - Integrated Device Technology ICS9P935 Datasheet HTML 4Page - Integrated Device Technology ICS9P935 Datasheet HTML 5Page - Integrated Device Technology ICS9P935 Datasheet HTML 6Page - Integrated Device Technology ICS9P935 Datasheet HTML 7Page - Integrated Device Technology ICS9P935 Datasheet HTML 8Page - Integrated Device Technology ICS9P935 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
IDTTM/ICSTM
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS9P935
REV H
12/1/08
ICS9P935
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
5
Notes:
1.
Refers to transition on noninverting output in PLL bypass mode.
2.
While the pulse skew is almost constant over frequency, the duty cycle error increases at
higher frequencies. This is due to the formula: duty cycle=twH/tc, were the cycle (tc)
decreases as the frequency goes up.
3.
Switching characteristics guaranteed for application frequency range.
4.
Static phase offset shifted by design.
Timing Requirements
TA = 0 - 70°C Supply Voltage AVDD, VDD = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Max clock frequency
freqop
1.8V+0.1V @ 25°C
125
500
MHz
Application Frequency
Range
freqApp
1.8V+0.1V @ 25°C
160
400
MHz
Input clock duty cycle
dtin
40
60
%
CLK stabilization
TSTAB
15
µs
Switching Characteristics
1
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Output enable time
ten
OE to any output
8
ns
Output disable time
tdis
OE to any output
8
ns
Period jitter
tjit (per)
-40
40
ps
Half-period jitter
tjit(hper)
-75
75
ps
Input Clock
1
2.5
4
v/ns
Output Enable (OE), (OS)
0.5
v/ns
Output clock slew rate
SLr1(o)
1.5
2.5
3
v/ns
tjit(cc+)
040
ps
tjit(cc-)
0
-40
ps
Dynamic Phase Offset
t( )dyn
-50
50
ps
Phase error
t(phase error)
2
-50
0
50
ps
Output to Output Skew
tskew
40
ps
SSC modulation frequency
30.00
33
kHz
SSC clock input frequency deviation
0.00
-0.50
%
Cycle-to-cycle period jitter
Input slew rate
SLr1(i)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com