Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P935 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS9P935
Description  DDR I/DDR II Phase Lock Loop Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9P935 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS9P935 Datasheet HTML 5Page - Integrated Device Technology ICS9P935 Datasheet HTML 6Page - Integrated Device Technology ICS9P935 Datasheet HTML 7Page - Integrated Device Technology ICS9P935 Datasheet HTML 8Page - Integrated Device Technology ICS9P935 Datasheet HTML 9Page - Integrated Device Technology ICS9P935 Datasheet HTML 10Page - Integrated Device Technology ICS9P935 Datasheet HTML 11Page - Integrated Device Technology ICS9P935 Datasheet HTML 12Page - Integrated Device Technology ICS9P935 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
IDTTM/ICSTM
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS9P935
REV H
12/1/08
ICS9P935
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
10
Table 1: 7-Steps Skew Programming Table
7 Step
11
10
01
00
LSB
11
600 ps
500 ps
400 ps
300 ps
10
N/A
N/A
N/A
200 ps
01
N/A
N/A
N/A
100 ps
00
N/A
N/A
N/A
0.0 ps
MSB
Table 2: 7-Steps Skew Programming Table
7 Step
11
10
01
00
LSB
11
-600 ps
-500 ps
-400 ps
-300 ps
10
N/A
N/A
N/A
-200 ps
01
N/A
N/A
N/A
-100 ps
00
N/A
N/A
N/A
0.0 ps
MSB
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
Freq Detect
Low Frequency Detect
PLL OFF Control
RW
OFF
ON
1
Bit 6
FB_IN/OUT
FB_OUT Control
RW
Disable
Enable
1
Bit 5
DDR_T5/C5
Output Control
RW
Disable
Enable
1
Bit 4
DDR_T4/C4
Output Control
RW
Disable
Enable
1
Bit 3
DDR_T3/C3
Output Control
RW
Disable
Enable
1
Bit 2
DDR_T2/C2
Output Control
RW
Disable
Enable
1
Bit 1
DDR_T1/C1
Output Control
RW
Disable
Enable
1
Bit 0
DDR_T0/C0
Output Control
RW
Disable
Enable
1
I
2C Table: Group Skew Control Register
Byte 8
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
-
DDR Skw3
RW
0
Bit 6
-
DDR Skw2
RW
0
Bit 5
-
DDR Skw1
RW
0
Bit 4
-
DDR Skw0
RW
0
Bit 3
-
DDR Skw3
RW
0
Bit 2
-
DDR Skw2
RW
0
Bit 1
-
DDR Skw1
RW
0
Bit 0
-
DDR Skw0
RW
0
I
2C Table: Revision ID and Vendor ID Register
Byte 10
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
-
Revision_ID bit 3
RW
-
-
X
Bit 6
-
Revision_ID bit 2
RW
-
-
X
Bit 5
-
Revision_ID bit 1
RW
-
-
X
Bit 4
-
Revision_ID bit 0
RW
-
-
X
Bit 3
-
Vendor_ID bit3
RW
-
-
0
Bit 2
-
Vendor_ID bit2
RW
--
0
Bit 1
-
Vendor_ID bit1
RW
--
0
Bit 0
-
Vendor_ID bit0
RW
--
1
I
2C Table: Byte Count Register
Byte 15
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
-BC7
RW
0
Bit 6
-BC6
RW
0
Bit 5
-BC5
RW
0
Bit 4
-BC4
RW
0
Bit 3
-BC3
RW
1
Bit 2
-BC2
RW
1
Bit 1
-BC1
RW
1
Bit 0
-BC0
RW
1
I2C Table: All other I2C Registers are Reserved
See Table 2: 7-Step Skew
Programming Table
CLKIN to DDR
Skew Control
Byte 6
-
-
-
-
Byte Count
Programming b(7:0)
Writing to this register will
configure how many bytes
will be read back, default is
0F = 15 bytes
-
-
CLKIN to DDR
Skew Control
-
-
Rev ID
Vendor ID
See Table 1: 7-Step Skew
Programming Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com