Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P935 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9P935
Description  DDR I/DDR II Phase Lock Loop Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9P935 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9P935 Datasheet HTML 1Page - Integrated Device Technology ICS9P935 Datasheet HTML 2Page - Integrated Device Technology ICS9P935 Datasheet HTML 3Page - Integrated Device Technology ICS9P935 Datasheet HTML 4Page - Integrated Device Technology ICS9P935 Datasheet HTML 5Page - Integrated Device Technology ICS9P935 Datasheet HTML 6Page - Integrated Device Technology ICS9P935 Datasheet HTML 7Page - Integrated Device Technology ICS9P935 Datasheet HTML 8Page - Integrated Device Technology ICS9P935 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ICS9P935
IDTTM/ICSTM
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS9P935
REV H
12/1/08
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
DATASHEET
1
FB_IN
SCLK
SDATA
CLK_INT
CLK_INC
Control
Logic
FB_OUT
DDRT0
DDRC0
DDRT1
DDRC1
DDRT2
DDRC2
DDRT3
DDRC3
DDRT4
DDRC4
DDRT5
DDRC5
PLL
Description
Output Features
DDR I/DDR II Zero Delay Clock Buffer
•
Low skew, low jitter PLL clock driver
•
Max frequency supported = 400MHz (DDRII 800)
•I
2C for functional and output control
•
Feedback pins for input to output synchronization
•
Spread Spectrum tolerant inputs
•
Programmable skew through SMBus
•
Frequency defect control thorugh SMBus
•
Individual output control programmable through SMBus
Funtional Block Diagram
Key Specifications
•
CYCLE - CYCLE jitter: <100ps
•
OUTPUT - OUTPUT skew: <100ps
•
DUTY CYCLE: 48% - 52%
•
28-pin SSOP package
•
Available in RoHS compliant packaging
•
Operates @ 2.5V or 1.8V
Pin Configuration
DDRC0 1
28 GND
DDRT0 2
27 DDRC5
VDD2.5/1.8 3
26 DDRT5
DDRT1 4
25 VDD2.5/1.8
DDRC1 5
24 GND
GND 6
23 DDRC4
VDDA2.5/1.8 7
22 DDRT4
GND 8
21 VDD2.5/1.8
CLK_INT 9
20 SDATA
CLK_INC 10
19 SCLK
VDD2.5/1.8 11
18 FB_IN
DDRT2 12
17 FB_OUT
DDRC2 13
16 DDRT3
GND 14
15 DDRC3
28-SSOP/TSSOP


Similar Part No. - ICS9P935

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
ICS9P935YFLF-T RENESAS-ICS9P935YFLF-T Datasheet
330Kb / 14P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
More results

Similar Description - ICS9P935

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93732 ICST-ICS93732 Datasheet
482Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93722 ICST-ICS93722 Datasheet
54Kb / 6P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93776 ICST-ICS93776 Datasheet
82Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
logo
Integrated Device Techn...
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
ICS93732 RENESAS-ICS93732 Datasheet
313Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
2019
ICS93735 RENESAS-ICS93735 Datasheet
160Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com