Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P935 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS9P935
Description  DDR I/DDR II Phase Lock Loop Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9P935 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS9P935 Datasheet HTML 1Page - Integrated Device Technology ICS9P935 Datasheet HTML 2Page - Integrated Device Technology ICS9P935 Datasheet HTML 3Page - Integrated Device Technology ICS9P935 Datasheet HTML 4Page - Integrated Device Technology ICS9P935 Datasheet HTML 5Page - Integrated Device Technology ICS9P935 Datasheet HTML 6Page - Integrated Device Technology ICS9P935 Datasheet HTML 7Page - Integrated Device Technology ICS9P935 Datasheet HTML 8Page - Integrated Device Technology ICS9P935 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IDTTM/ICSTM
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS9P935
REV H
12/1/08
ICS9P935
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
4
Notes:
1.
Unused inputs must be held high or low to prevent them from floating.
2.
DC input signal voltage specifies the allowable DC execution of differential input.
3.
Differential inputs signal voltages specifies the differential voltage [VTR-VCP] required
for switching, where VTR is the true input level and VCP is the complementary input
level.
4.
Differential cross-point voltage is expected to track variations of VDD and is the voltage
at which the differential signal must be crossing.
Recommended Operating Condition (see note1)
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDDQ, AVDD
1.7
1.8
1.9
V
Low level input voltage
VIL
CLK_INT, CLK_INC, FB_IN
0.35 x VDD
V
High level input voltage
VIH
CLK_INT, CLK_INC, FB_IN
0.65 x VDD
V
DC input signal voltage (note 2)
VIN
-0.3
VDD + 0.3
V
DC input signal voltage swing
VIN-Diff
CLK_INT, CLK_INC
GND - 0.3
1.5
VDD + 0.3
V
DC - CLK_INT, CLK_INC,
FB_IN
0.3
VDD + 0.4
V
AC - CLK_INT, CLK_INC,
FB_IN
0.6
VDD + 0.4
V
Output differential cross-voltage
(note 4)
VOX
VDD / 2 - 0.1
VDD / 2 + 0.1
V
Input differential cross-voltage
(note 4)
VIX
VDD/2 - 0.15
VDD/2 VDD / 2 + 0.15
V
High level output current
IOH
-9
mA
Low level output current
IOL
9mA
High Impedance
Output Current
IOZ
VDD=1.9V, VOUT=VDD or GND
±10
mA
Operating free-air temperature
TA
070
°C
Differential input signal voltage
(note 3)
VID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com