Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90E21 Datasheet(PDF) 32 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 32 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 28Page - Integrated Device Technology 90E21 Datasheet HTML 29Page - Integrated Device Technology 90E21 Datasheet HTML 30Page - Integrated Device Technology 90E21 Datasheet HTML 31Page - Integrated Device Technology 90E21 Datasheet HTML 32Page - Integrated Device Technology 90E21 Datasheet HTML 33Page - Integrated Device Technology 90E21 Datasheet HTML 34Page - Integrated Device Technology 90E21 Datasheet HTML 35Page - Integrated Device Technology 90E21 Datasheet HTML 36Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
32
January 10, 2012
5.3.2
MEASUREMENT CALIBRATION REGISTER
AdjStart
Measurement Calibration Start Command
Ugain
Voltage rms Gain
Address: 30H
Type: Read/Write
Default Value: 6886H
Bit
Name
Description
15 - 0
AdjStart[15:0]
Measurement Calibration Start Command
6886H: Power-on value. No measurement.
5678H: Measurement calibration startup command. After 5678H is written to this register, registers 31H-3AH resume to their
power-on values. The 90E21/22/23/24 starts to measure regardless of the correctness of diagnosis. The AdjErr[1:0] bits
(SysStatus, 01H) are not set and the IRQ pin does not report any interrupt.
8765H: Check the correctness of the 31H-3AH registers. If correct, normal measurement. If not correct, measurement function is
disabled, the AdjErr[1:0] bits (SysStatus, 01H) are set and the IRQ pin reports interrupt.
Others: No measurement. The AdjErr[1:0] bits (SysStatus, 01H) are set and the IRQ pin reports interrupt.
Address: 31H
Type: Read/Write
Default Value: 6720H
Bit
Name
Description
15 - 0
Ugain[15:0]
Voltage rms Gain. For details, please refer to IDT application note AN-641.
Note:
the Ugain15 bit should only be '0'
15
14
13
12
11
10
9
8
AdjStart15
AdjStart14
AdjStart13
AdjStart12
AdjStart11
AdjStart10
AdjStart9
AdjStart8
765
432
1
0
AdjStart7
AdjStart6
AdjStart5
AdjStart4
AdjStart3
AdjStart2
AdjStart1
AdjStart0
15
14
13
12
11
10
9
8
Ugain15
Ugain14
Ugain13
Ugain12
Ugain11
Ugain10
Ugain9
Ugain8
765
432
1
0
Ugain7
Ugain6
Ugain5
Ugain4
Ugain3
Ugain2
Ugain1
Ugain0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com