Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90E21 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 9Page - Integrated Device Technology 90E21 Datasheet HTML 10Page - Integrated Device Technology 90E21 Datasheet HTML 11Page - Integrated Device Technology 90E21 Datasheet HTML 12Page - Integrated Device Technology 90E21 Datasheet HTML 13Page - Integrated Device Technology 90E21 Datasheet HTML 14Page - Integrated Device Technology 90E21 Datasheet HTML 15Page - Integrated Device Technology 90E21 Datasheet HTML 16Page - Integrated Device Technology 90E21 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Functional Description
13
January 10, 2012
3.4
N LINE METERING AND ANTI-TAMPERING
3.4.1
METERING MODE AND L/N LINE CURRENT SAMPLING
GAIN CONFIGURATION
The 90E23 and 90E24 have two current sampling circuits with N line
metering and anti-tampering functions. The MMD1 and MMD0 pins are
used to configure the metering mode. Refer to Table-7.
The 90E23 and 90E24 have two current sampling circuits with differ-
ent gain configurations. L line gain can be 1, 4, 8, 16 and 24, and N line
gain can be 1, 2 and 4. The configuration is made by the MMode register
(2BH). Generally L line can be sampled over shunt resistor or CT. N line
can be sampled over CT for isolation consideration. Note that Rogowski
coil is not supported.
3.4.2
ANTI-TAMPERING MODE
Threshold
In anti-tampering mode, the power difference threshold between L
line and N line can be: 1%, 2%,... 12%, 12.5%, 6.25%, 3.125% and
1.5625%, altogether 16 choices. The configuration is made by the
Pthresh[3:0] bits (MMode, 2BH) and the default value is 3.125%. The
threshold is applicable for active energy. The metering line of the reac-
tive energy follows that of the active energy.
Compare Method
In anti-tampering mode, the compare method is as follows:
If current metering line is L line and
N line is switched as the metering line, otherwise L line keeps as the
metering line.
If current metering line is N line and
L line is switched as the metering line, otherwise N line keeps as the
metering line.
This method can achieve hysteresis around the threshold automati-
cally. L line is employed after reset by default.
Special Treatment at Low Power
When power is low, general factors such as the quantization error or
calibration difference between L line and N line might cause the power
difference to be exceeded. To ensure L line and N line to start up nor-
mally, special treatment as follows is adopted:
The line with higher power is selected as the metering line when both
L line and N line power are lower than 8 times of the startup power but
higher than the startup power.
Table-7 Metering Mode
MMD1 MMD0
Metering Mode
CFx (CF1 or CF2) Output
00
Anti-tampering
Mode
(larger power)
CFx represents the larger energy
line. Refer to section 3.4.2.
0
1
L Line Mode (fixed L line)
CFx represents L line energy all
the time.
10
L+N Mode (applicable for
single-phase
three-wire
system)
CFx represents the arithmetic
sum of L line and N line energy
11
Flexible Mode (line speci-
fied by the LNSel bit
(MMode, 2BH))
CFx represents energy of the
specified line.
Threshold
100%
*
Power
Active
Line
L
Power
Active
Line
L
-
Power
Active
Line
N
>
Threshold
100%
*
Power
Active
Line
N
Power
Active
Line
N
-
Power
Active
Line
L
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com