Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90E21 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 2Page - Integrated Device Technology 90E21 Datasheet HTML 3Page - Integrated Device Technology 90E21 Datasheet HTML 4Page - Integrated Device Technology 90E21 Datasheet HTML 5Page - Integrated Device Technology 90E21 Datasheet HTML 6Page - Integrated Device Technology 90E21 Datasheet HTML 7Page - Integrated Device Technology 90E21 Datasheet HTML 8Page - Integrated Device Technology 90E21 Datasheet HTML 9Page - Integrated Device Technology 90E21 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
6
January 10, 2012
90E21/22/23/24
 2012 Integrated Device Technology, Inc.
DSC-7277/6
Single-Phase High-Performance
Wide-Span Energy Metering IC
IDT and the IDT logo are trademarks of Integrated Device Technology, Inc.
FEATURES
Metering Features
• Metering features fully in compliance with the requirements of
IEC62052-11, IEC62053-21 and IEC62053-23; applicable in
class 1 or class 2 single-phase watt-hour meter or class 2 single-
phase var-hour meter.
• Accuracy of 0.1% for active energy and 0.2% for reactive energy
over a dynamic range of 5000:1.
• Temperature coefficient is 15 ppm/ ℃ (typical) for on-chip refer-
ence voltage
• Single-point calibration over a dynamic range of 5000:1 for
active energy; no calibration needed for reactive energy.
• Energy Meter Constant doubling at low current to save verifica-
tion time.
• Electrical parameters measurement: less than ±0.5% fiducial
error for Vrms, Irms, mean active/ reactive/ apparent power, fre-
quency, power factor and phase angle.
• Forward/ reverse active/ reactive energy with independent
energy registers. Active/ reactive energy can be output by pulse
or read through energy registers to adapt to different applica-
tions.
• Programmable startup and no-load power threshold.
• Dedicated ADC and different gains for L line and N line current
sampling circuits. Current sampled over shunt resistor or current
transformer (CT); voltage sampled over resistor divider network
or potential transformer (PT).
• Programmable L line and N line metering modes: anti-tampering
mode (larger power), L line mode (fixed L line), L+N mode (appli-
cable for single-phase three-wire system) and flexible mode
(configure through register).
• Programmable L line and N line power difference threshold in
anti-tampering mode.
Other Features
• 3.3V single power supply. Operating voltage range: 2.8~3.6V.
Metering accuracy guaranteed within 3.0V~3.6V. 5V compatible
for digital input.
• Built-in hysteresis for power-on reset.
• Four-wire SPI interface or simplified three-wire SPI interface with
fixed 24 cycles for all registers operation
• Parameter diagnosis function and programmable interrupt output
of the IRQ interrupt signal and the WarnOut signal.
• Programmable voltage sag detection and zero-crossing output.
• Channel input range
- Voltage channel (when gain is '1'): 120
µVrms~600mVrms.
- L line current channel (when gain is '24'): 5
µVrms~25mVrms.
- N line current channel (when gain is '1'): 120
µVrms~600mVrms.
• Programmable L line current gain: 1, 4, 8, 16, 24; Programmable
N line gain: 1, 2, 4.
• Support L line and N line offset compensation.
• CF1 and CF2 output active and reactive energy pulses respec-
tively which can be used for calibration or energy accumulation.
• Crystal oscillator frequency: 8.192 MHz. On-chip 10pF capaci-
tors and no need of external capacitors.
• Green SSOP28 package.
• Operating temperature: -40 ℃ ~ +85 ℃ .
APPLICATION
• The 90E21/22/23/24 series are used for active and reactive
energy metering for single-phase two-wire, single-phase three-
wire or anti-tampering energy meters. With the measurement
function, the 90E21/22/23/24 series can also be used in power
instruments which need to measure voltage, current, etc.
DESCRIPTION
The 90E21/22/23/24 series are high-performance wide-span energy
metering chips. IDT's proprietary ADC and DSP technology ensure the
chips' long-term stability over variations in grid and ambient environmen-
tal conditions.
90E21/22/23/24 are all of green SSOP28 package with the same pin
alignment. In this datasheet, all reactive energy metering parts are only
applicable for the 90E22/24, and all N line metering and measurement
parts are only applicable for the 90E23/24.
Table-1 Function List
Part
Number
Active Energy
Metering
ReactiveEnergy
Metering
N Line
Metering
Electrical
Parameters
Measurement
90E21
√√
90E22
√√
√
90E23
√√
√
90E24
√√
√
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com