Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90E21 Datasheet(PDF) 49 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 49 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 45Page - Integrated Device Technology 90E21 Datasheet HTML 46Page - Integrated Device Technology 90E21 Datasheet HTML 47Page - Integrated Device Technology 90E21 Datasheet HTML 48Page - Integrated Device Technology 90E21 Datasheet HTML 49Page - Integrated Device Technology 90E21 Datasheet HTML 50Page - Integrated Device Technology 90E21 Datasheet HTML 51Page - Integrated Device Technology 90E21 Datasheet HTML 52Page - Integrated Device Technology 90E21 Datasheet HTML 53Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Electrical Specification
49
January 10, 2012
Human Body Model (HBM)
4000
V
JESD22-A114
Latch Up
±
100
mA
JESD78A
Latch Up
4.95
V
JESD78A
Operating Conditions
AVDD, Analog Power Supply
2.8
3.3
3.6
V
Metering precision guaranteed within 3.0V~3.6V.
DVDD, Digital Power Supply
2.8
3.3
3.6
V
Metering precision guaranteed within 3.0V~3.6V.
IAVDD, Analog Current (90E21/22)
3.00
mA
L line current channel and voltage channel are
open
IAVDD, Analog Current (90E23/24)
3.75
mA
L line/ N line current channel and voltage channel
are open
IDVDD, Digital Current
2.75
mA
VDD=3.3V
DC Characteristics
Digital Input High Level (all digital pins except OSCI)
2.0
VDD+2.6
V
VDD=3.3V±10%,
Digital Input High Level (OSCI)
2.0
VDD+0.3
V
VDD=3.3V±10%
Digital Input Low Level
0.8
V
VDD=3.3V±10%
Digital Input Leakage Current
±
1
µA
VDD=3.6V, VI=VDD or GND
Digital Output Low Level (CF1, CF2)
0.4
V
VDD=3.3V, IOL=10mA
Digital Output Low Level (IRQ, WarnOut, ZX, SDO)
0.4
V
VDD=3.3V, IOL=5mA
Digital Output High Level (CF1, CF2)
2.4
V
VDD=3.3V, IOH=-10mA
Digital Output High Level (IRQ, WarnOut, ZX, SDO)
2.4
V
VDD=3.3V, IOH=-5mA
Digital Output Low Level (OSCO)
0.4
V
VDD=3.3V, IOL=1mA
Digital Output High Level (OSCO)
2.4
V
VDD=3.3V, IOH=-1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com