Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90E21 Datasheet(PDF) 33 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 29Page - Integrated Device Technology 90E21 Datasheet HTML 30Page - Integrated Device Technology 90E21 Datasheet HTML 31Page - Integrated Device Technology 90E21 Datasheet HTML 32Page - Integrated Device Technology 90E21 Datasheet HTML 33Page - Integrated Device Technology 90E21 Datasheet HTML 34Page - Integrated Device Technology 90E21 Datasheet HTML 35Page - Integrated Device Technology 90E21 Datasheet HTML 36Page - Integrated Device Technology 90E21 Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
33
January 10, 2012
IgainL
L Line Current rms Gain
IgainN
N Line Current rms Gain
Uoffset
Voltage Offset
Address: 32H
Type: Read/Write
Default Value: 7A13H
Bit
Name
Description
15 - 0
IgainL[15:0]
L Line Current rms Gain, For details, please refer to IDT application note AN-641.
Address: 33H
Type: Read/Write
Default Value: 7530H
Bit
Name
Description
15 - 0
IgainN[15:0]
N Line Current rms Gain. For details, please refer to IDT application note AN-641.
Address: 34H
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15 - 0
Uoffset[15:0]
Voltage offset. For calculation method, please refer to IDT application note AN-641.
15
14
13
12
11
10
9
8
IgainL15
IgainL14
IgainL13
IgainL12
IgainL11
IgainL10
IgainL9
IgainL8
765
432
1
0
IgainL7
IgainL6
IgainL5
IgainL4
IgainL3
IgainL2
IgainL1
IgainL0
15
14
13
12
11
10
9
8
IgainN15
IgainN14
IgainN13
IgainN12
IgainN11
IgainN10
IgainN9
IgainN8
765
432
1
0
IgainN7
IgainN6
IgainN5
IgainN4
IgainN3
IgainN2
IgainN1
IgainN0
15
14
13
12
11
10
9
8
Uoffset15
Uoffset14
Uoffset13
Uoffset12
Uoffset11
Uoffset10
Uoffset9
Uoffset8
765
432
1
0
Uoffset7
Uoffset6
Uoffset5
Uoffset4
Uoffset3
Uoffset2
Uoffset1
Uoffset0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com