Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEF12
Description  Electronic fuse for 12 V line
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12 Datasheet(HTML) 1 Page - STMicroelectronics

  STEF12 Datasheet HTML 1Page - STMicroelectronics STEF12 Datasheet HTML 2Page - STMicroelectronics STEF12 Datasheet HTML 3Page - STMicroelectronics STEF12 Datasheet HTML 4Page - STMicroelectronics STEF12 Datasheet HTML 5Page - STMicroelectronics STEF12 Datasheet HTML 6Page - STMicroelectronics STEF12 Datasheet HTML 7Page - STMicroelectronics STEF12 Datasheet HTML 8Page - STMicroelectronics STEF12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
December 2011
Doc ID 019056 Rev 3
1/20
20
STEF12
Electronic fuse for 12 V line
Features
■ Continuous current (typ): 3.6 A
■ N-channel on-resistance (typ): 53 mΩ
■ Enable/Fault functions
■ Output clamp voltage (typ):15 V
■ Undervoltage lockout
■ Short-circuit limit
■ Overload current limit
■ Controlled output voltage ramp
■ Thermal latch (typ): 165 °C
■ Uses tiny capacitors
■ Operating junction temp. - 40 °C to 125 °C
■ Available in DFN10 (3 x 3 mm) package
Applications
■ Hard disk drives
■ Solid state drives (SSD)
■ Hard disk and SSD arrays
■ Set-top boxes
■ DVD and Blu-Ray disc drivers
Description
The STEF12 is an integrated electronic fuse
optimized for monitoring output current and input
voltage. Connected in series to a 12 V rail, it is
capable of protecting the electronic circuitry on its
output from overcurrent and overvoltage. The
device has a controlled delay and turn-on time.
When an overload condition occurs, the STEF12
limits the output current to a predefined safe
value. If the anomalous overload condition
persists it goes into an open state, disconnecting
the load from the power supply. If a continuous
short-circuit is present on the board, when power
is re-applied the E-fuse initially limits the output
current to a safe value and then again goes into
an open state. The device is equipped with a
thermal protection circuit. The intervention of the
thermal protection is signalled to the board
monitoring circuits through a signal on the Fault
pin. Unlike the mechanical fuses, which must be
physically replaced after a single event, the E-
fuse does not degrade in its performance after
short-circuit/thermal protection interventions and
it is reset either by recycling the supply voltage or
using the Enable pin. The companion chip for the
5 V power rails is also available with part number
STEF05.
DFN10 (3 x 3 mm)
Table 1.
Device summary
Order code
Package
Packaging
STEF12PUR
DFN10 (3 x 3 mm)
Tape and reel
www.st.com


Similar Part No. - STEF12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF12EPUR STMICROELECTRONICS-STEF12EPUR Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
STEF12H60MAPUR STMICROELECTRONICS-STEF12H60MAPUR Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
STEF12H60MPUR STMICROELECTRONICS-STEF12H60MPUR Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
More results

Similar Description - STEF12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF033 STMICROELECTRONICS-STEF033 Datasheet
1Mb / 25P
Electronic fuse for 3.3 V line
28-Jan-2015
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
logo
ON Semiconductor
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
12 Volt Electronic Fuse
July, 2019 ??Rev. 3
logo
STMicroelectronics
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
logo
ON Semiconductor
NIS6420 ONSEMI-NIS6420 Datasheet
164Kb / 11P
Electronic Fuse, 3 to 12 V
December, 2020 ??Rev. 4
logo
STMicroelectronics
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
Dual electronic fuse (eFuse) for 5 V and 12 V rails
21-Sep-2020
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF12S STMICROELECTRONICS-STEF12S Datasheet
1Mb / 31P
Electronic fuse for 12 V line
28-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com