Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3202DMF Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # AMC3202DMF
Description  1.5A 280kHz Boost Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

AMC3202DMF Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  AMC3202DMF Datasheet HTML 1Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 2Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 3Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 4Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 5Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AMC3202DMF
BLOCK DIAGRAM AND PI N CONFIGURATION
PIN DESCRIPTION
Pin No.
Pin Name
Pin Function
1
COMP
Loop compensation pin. This pin is the output of the error amplifier and
is used for loop compensation.Loop compensation can be implemented
by a simple RC network.
2
FB
Feedback pin. Sense the output voltage and referenced to 1.276V.
When
the
voltage
at
this
pin
falls
below
0.4V,chip
switching-frequency reduces to a much lower frequency.
3
NC
No connection.Keep floating.
4
EN
Enable pin. A TTL low will shut down the chip and high enable the
chip. This pin may also be used to synchronize the part to nearly
twice the base frequency. If synchronization is not used, this pin
should be either tied high or left floating for normal operation.
5
Vcc
Input power supply pin. Supply power to the IC and should have a
bypass capacitor connected to AGND
6
AGND
Analog ground. Provide a clean ground for the controller circuitry
and should not be in the path of large currents.This pin is connected
to the IC substrate.
7
PGND
Power ground. This pin is the ground connection for the emitter of
the power switching transistor.Connection to a good ground plane is
essential.
8
Vsw
High current switch pin. Connect to the collector of the internal
power switch. The open voltage across the power switch can be as
high as 40V. To minimize radiation, use a trace as short as practical.
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com