Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3202DMF Datasheet(PDF) 6 Page - Tiger Electronic Co.,Ltd

Part # AMC3202DMF
Description  1.5A 280kHz Boost Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

AMC3202DMF Datasheet(HTML) 6 Page - Tiger Electronic Co.,Ltd

  AMC3202DMF Datasheet HTML 1Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 2Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 3Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 4Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 5Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AMC3202DMF
6/6
Lower values are chosen to reduce physical size of the inductor, and higher values reduce
ripple voltage and core loss. In continuous conduction mode, the peak inductor current is
equal to average current plus half of the ripple current, which should not cause inductor
saturation. Based on the tolerance of the ripple current in the circuits, the following
formula (2) can be referenced:
In Boost circuits, the inductor becomes part of the input filter. In continuous mode,
the input current waveform is triangular and does not contain a large pulsed current. This
reduces the requirements imposed on the input capacitor selection. Capacitors in the range
of 10uF to 100uF with an ESR less than 0.3¦﹐ work well up to full 1.5A switch current.
The VIN ripple is determined by the product of the inductor current ripple and the ESR
of input capacitor, and the VOUT ripple comes from two major sources, namely ESR of
output capacitor and the charging/discharging of the output capacitor. Ceramic capacitors
have the lowest ESR, but too low ESR may cause loop stability problems. Aluminum
Electrolytic capacitors exhibit the highest ESR, resulting in the poorest AC response. One
option is to parallel a ceramic capacitor with an Aluminum Electrolytic capacitor.
The goal of frequency compensation is to achieve desirable transient response and DC
regulation while ensuring the stability of the system. A typical compensation network, as
shown in the typical application circuit, provides a frequency response of two poles and
one zero. The loop frequency compensation is performed on the output of the error
amplifier (COMP pin) with a series RC network. The main pole is formed by the series
capacitor and the output impedance of the error amplifier. The series resistor creates a
zero, which improves loop stability and transient response.A second capacitor,is
sometimes used to reduce the switching frequency ripple on the COMP pin.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com