Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3202DMF Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # AMC3202DMF
Description  1.5A 280kHz Boost Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

AMC3202DMF Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  AMC3202DMF Datasheet HTML 1Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 2Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 3Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 4Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 5Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AMC3202DMF
Switch Saturation Vo ltage
I SWITCH=1.5A
I SWITCH=1.0A
I SWITCH=10mA
0.8
0.75
0.09
1.5
0.45
V
Switch Current Limit
50% duty cy cle
80% duty cy cle
1.5
1.4
1.8
1.6
2.3
2.1
A
Minimum Pulse Wi dth
FB=0V, Isw=1.0A
100
250
300
nS
Switch Leakage
Vsw=40V,Vcc=0V
2.0
100
µA
∆Icc/ ∆Ivsw
2.7V ≤ Vcc ≤ 12V,10mA ≤ Isw ≤ 1.0A
12V ≤ Vcc ≤ 30V,10mA ≤ Isw ≤ 1.0A
2.7V ≤ Vcc ≤ 12V,10mA ≤ Isw ≤ 1.5A
12V ≤ Vcc ≤ 30V,10mA ≤ Isw ≤ 1.5A
10
-
17
-
30
100
30
100
mA/ A
Operating Current
Isw=0
5.5
8.0
mA
Shutdown Mode Current
V COMP<0.8V,EN=0V,
2.7V ≤ Vcc ≤ 12V
V COMP<0.8V,EN=0V,
12V ≤ Vcc ≤ 30V
12
60
100
µA
Minimu m
O p e r a t i o n
I n p u t
Vo ltage
Vsw switching,maximum Isw=10mA
2.45
2.70
V
Thermal shutdown
150
180
210
℃
Therma l Hy s t eres is
25
℃
*
Guaranteed by design,not 100% tested in production.
APPLICATION CIRCUIT
4/6
AMC3202DMF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com