Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3202DMF Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # AMC3202DMF
Description  1.5A 280kHz Boost Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

AMC3202DMF Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  AMC3202DMF Datasheet HTML 1Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 2Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 3Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 4Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 5Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AMC3202DMF
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Characteristic
Symbol
Value
Unit
Input Voltage
Vcc
30
V
Switch Input Voltage,
Vsw
40
V
Maximum Operating Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-65~ +150
°C
Lead Temperature(Soldering,10seconds)
260
°C
* Exceeding these ratings could cause damage to the device. All voltages are with respect
to Ground. Currents are positive into, negative out of the specified terminal.
ELECTRICAL CHARACTERISTICS
(Unless otherwise noted: 2.7V<Vcc<30V,Ta=25℃ )
Characteristics
Test conditions
Min
Typ
Max
Unit
FB Reference Voltage
V COMP tied to FB;Measure at FB
1.246
1.276 1.300
V
FB Input Current
FB=VREF
-1.0
0.1
1.0
µA
FB
Reference
Vo lt age
Line
Regulation
V COMP=FB, 2.7V<Vcc<30V
0.01
0.03
%/V
Error Amp Tr ansconductance
I VCOMP=±25µA
300
550
800
uMho
Error Amp Gain
*
200
500
V/V
V COMP Source Current
FB=1.0V, VCOMP=1.25V
25
50
90
µA
V COMP Sink Current
FB=1.5V, VCOMP=1.25V
200
625
1500
µA
V COMP High Clamp Voltage
FB=1.0V, VCOMP sources 25µA
1.5
1.7
1.9
V
V COMP Low Clamp Voltage
FB=1.5V, V COMP sinks 25µA
0.25
0.50
0.65
V
V COMP Threshold
Reduce VCOMP from 1.5V until
switching stops
0.75
1.05
1.30
V
Base Operating Frequency
FB=1V
230
280
310
kHZ
Reduced Operating Frequency
FB=0V
30
52
120
kHZ
Ma xi mi m Dut y Cy c l e
90
94
%
FB Frequency Shift Threshold
Frequency
drops
to
reduced
operating frequency
0.36
0.40
0.44
V
Sy nchronization range
320
500
kHZ
Sy nc hronization
Pulse
Tr ansition Threshold
Rise time=20ns
2.5
V
EN Bias Current
EN=0V
EN=3.0V
-15
-3.0
3.0
8.0
µA
Shutdown Threshold
0.50
0.85
1.20
V
Shutdown Delay
2.7V≤Vcc≤12V
12V≤Vcc≤30V
12
12
80
36
350
200
µS
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com