Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3202DMF Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # AMC3202DMF
Description  1.5A 280kHz Boost Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

AMC3202DMF Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  AMC3202DMF Datasheet HTML 1Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 2Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 3Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 4Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 5Page - Tiger Electronic Co.,Ltd AMC3202DMF Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.5A
280kHz Boost Regulators
AMC3202DMF
DESCRIPTIONS:
Outline Drawing:
The
AMC3202 is a 280kHz switching
regulator with a high efficiency, 1.5A
integrated switch. The part operates over
a wide input voltage range, from 2.7V to
30V. The
AMC3202 utilizes current mode
architecture, which allows excellent load
and line regulation, as well as a practical
means for limiting current. Combining high
frequency operation with a highly integrated
regulator circuit results in an extremely
compact power supply solution.
Build-in thermal protection to prevent the chip over heat damage.
FEATURES
Integrated Power Switch: 1.5A Guaranteed.
Wide Input Range: 2.7V to 30V.
40V Power Switch Input Voltage.
High Frequency Allows for Small Components.
Minimum External Components.
Built in Over Current Protection.
APPLICATION
TFT-LCD Power Management
LCD Monitor/TV LED Backlight Driver
1/6
TIGER ELECTRONIC CO.,LTD
AMC3202DMF


Similar Part No. - AMC3202DMF

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC3202DMF ADDTEK-AMC3202DMF Datasheet
247Kb / 11P
1.5A 280kHz BOOST REGULATORS
AUGUST 2006
More results

Similar Description - AMC3202DMF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
1.5A LOW DROPOUT REGULATORS
logo
Gamma Microelectronics ...
GM3255 GAMMA-GM3255 Datasheet
543Kb / 19P
1.5A 280kHz DC-DC CONVERTOR BOOST REGULATOR
logo
ADDtek Corp
AMC3202 ADDTEK-AMC3202 Datasheet
247Kb / 11P
1.5A 280kHz BOOST REGULATORS
AUGUST 2006
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
1.5A Low Dropout Positive Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_10 Datasheet
170Kb / 5P
1.5A LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
Rev 2
logo
HTC Korea TAEJIN Techno...
LM5171 HTC-LM5171 Datasheet
587Kb / 19P
1.5A, 280kHz, Boost Regulator
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
1.5A LOW DROPOUT REGULATORS
logo
Alpha & Omega Semicondu...
AOZ1915 AOSMD-AOZ1915 Datasheet
608Kb / 14P
1.5A General Purpose Boost Regulator
logo
First Components Intern...
FC3255 FCI-FC3255 Datasheet
2Mb / 18P
1.5A PWM Switching Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com