Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5125 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5125 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 94 page
background image
Ordering Information
MPC5125 Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
3
1
Ordering Information
Figure 1. MPC5125 Orderable Part Number Description
Table 1 shows the orderable part numbers for the MPC5125.
Table 1. MPC5125 Orderable Part Numbers
Freescale Part Number1
NOTES:
1 All packaged devices are PPC5125, rather than MPC125, until product qualifications are complete.
Package Description
Speed (MHz)
Operating Temperature2
2 The lowest ambient operating temperature (T
A) is referenced by TL; the highest junction temperature is referenced by TH.
Max3 (fMAX)
3 Maximum speed is the maximum frequency allowed including frequency modulation (FM).
Min (TL)
Max (TH)
MPC5125YVN400
MPC5125 324TEPBGA package
Lead-free (PbFree)
400 MHz core
200 MHz bus
–40 °C
125 °C
MPC
Y
400 R
Qualification status
Core code
Device number
Temperature range
Package identifier
Operating frequency (MHz)
Tape and reel status
Temperature Range
Y = –40 °C to 125 °C,
junction
Package Identifier
VN = 324 TEPBGA Pb-free
Operating Frequency
400 = 400 MHz
Tape and Reel Status
R = Tape and reel
(blank) = Trays
Qualification Status
P = Pre qualification
M = Fully spec. qualified, general market flow
S = Fully spec. qualified, automotive flow
Note: Not all options are available on all devices. Refer to Table 1.
5125
VN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com