Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5125 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 4
Pin Assignments
Freescale Semiconductor
36
3.2.1
Power and Ground Supply Summary
NOTE
This table indicates only the pins with a permanently enabled internal pullup, pulldown, or
Schmitt trigger. Most digital I/O pins can be configured to enable internal pullup, pulldown,
or Schmitt trigger. See the MPC5125 Reference Manual (MPC5125RM), “I/O Control”
chapter.
Table 3. MPC5125 324 TEPBGA Power/Ground
Pin Name
Function Description
Voltage1
NOTES:
1 Nominal voltages.
Package Pin Locations
VDD
Supply voltage — e300 core and peripheral logic
1.4 V
J10, J11, J12, J13, K14, L9, L14, M9,
M14, N14, P10, P11, P12, P13
VDD_IO
Supply voltage — I/O buffers
3.3 V
A14, B9, B12, B17, C5, C14, D3, F2,
G4, H2, M2, R3, V3, W5, W15, AA4,
AA9, AA12, AA14, AA16, AB18
VDD_IO_MEM
Supply voltage — memory
—2
2 Dependent on external memory type. See Table 3
B19, C21, D17, D19, G19, H21, P19,
R21, T19, V19, W19, Y21, AB20
AVDD_FUSEWR
Power
3.3 V
D4
AVDD_CPLL
Analog power
3.3 V
D10
AVDD_SPLL
Analog power
3.3 V
A11
AVDD_OSC_TMPS
Analog power
3.3 V
C10
VBAT
Power
3.3 V
D8
AVSS_CPLL
Analog ground
0 V
B11
AVSS_OSC_TMPS_SPLL Analog ground—Double-bonded AVSS_OSC_TMPS
and AVSS_SPLL
0 V
B10
MVREF
Analog input —Voltage reference for SSTL input pads
—2
N19
MVTT0
Analog input —SSTL(DDR2) termination (ODT)
voltage
—2
W18
MVTT1
Analog input —SSTL(DDR2) termination (ODT)
voltage
—2
R19
MVTT2
Analog input —SSTL(DDR2) termination (ODT)
voltage
—2
M19
MVTT3
Analog input —SSTL(DDR2) termination (ODT)
voltage
—2
K19
VSS
Ground
0 V
A1, A2, A22, B1, B7, D7, D12, F4, F21,
J9, J14, K2, K[9:13], K21, L4, L[10:13],
L19, M[10:13], N[9:13], N21, P2, P4,
P9, P14, U2, U21, W8, W10, W12,
W17, Y2, AA6, AA18, AB1, AB22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com