Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5125 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 94 page
background image
Electrical and Thermal Characteristics
MPC5125 Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
57
4.3.6.1
Non-MUXed Mode
4.3.6.1.1
Non-MUXed Non-Burst Mode
Figure 14. Timing Diagram — Non-MUXed non-Burst Mode
t19 Non-MUXed mode page burst: ADDR cycle
tLPCck – tOD
tLPCck
ns
A7.20
t20 Non-MUXed mode page burst: burst DATA
(rd) input setup before next ADDR cycle
tOD + t6
—
ns
A7.21
t21 Non-MUXed mode page burst: burst DATA
(rd) input hold after next ADDR cycle
0—
ns
A7.22
t22 MUXed mode: non-burst CS[x] pulse width
(ALT × (AL
2) + WS)
×
t
LPCck
(ALT × (AL
2) + WS)
×
t
LPCck
ns
A7.23
t23 MUXed mode: read-burst CS[x] pulse
width
(ALT × (AL
2) + WS) +
BBT/DS) ×
t
LPCck
(ALT × (AL
2) + WS) +
BBT/DS) ×
t
LPCck
ns
A7.23
t24 MUXed mode: write-burst CS[x] pulse
width
(ALT × (AL
2) + 2.5 WS) +
BBT/DS)×
t
LPCck
(ALT × (AL
2) + 2.5 WS) +
BBT/DS)×
t
LPCck
ns
A7.23
Table 25. LPC Timing (continued)
Sym
Description
Min
Max
Units
SpecID
ADDR
DATA (rd)
CS[x]
R/W
DATA (wr)
OE
t6
t7
TS
TSIZ[1:0]
ACK
t1
LPC CLK
t4
tLPCck
t2
t3
t5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com