Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5125 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
40
Output high voltage
IOH is driver dependent7
VDD_IO_MEM_SDR
VOHSDR 0.8 × VDD_IO_MEM
—
V
D3.35
Output low voltage
IOL is driver dependent7 VDD_IO
VOL
—0.2
 V
DD_IO
V
D3.24
Output low voltage
IOL is driver dependent7
VDD_IO_MEM_DDR
VOLDDR
—
0.36
V
D3.25
Output low voltage
IOL is driver dependent7
VDD_IO_MEM_DDR2
VOLDDR2
—
0.28
V
D3.26
Output low voltage
IOL is driver dependent7
VDD_IO_MEM_LPDDR
VOLLPDD
R
—
0.28
V
D3.27
Output low voltage
IOL is driver dependent7
VDD_IO_MEM_SDR
VOLSDR
—0.2
 V
DD_IO_MEM
V
D3.36
DC injection current
per pin8
—
ICS
1.0
1.0
mA
D3.29
Input capacitance
(digital pins)
—
Cin
—7
pF
D3.30
Input capacitance
(analog pins)
—
Cin
—
10
pF
D3.31
On-die termination
(DDR2)
—
RODT
120
180
D3.32
NOTES:
1 This parameter is meant for those who do not use quartz crystals or resonators, but instead use CAN oscillators in crystal
mode. In that case, Vextal – Vxtal  400 mV criteria has to be met for oscillator’s comparator to produce the output clock.
2 This parameter is meant for those who do not use quartz crystals or resonators, but instead use a signal generator clock to
drive the clock in bypass mode. In this case, for the oscillator’s comparator to produce the output clock, drive only the EXTAL
pin. Do not connect anything to any other oscillator pin.
3 This parameter is meant for those who do not use quartz crystals or resonators, but instead use CAN oscillators in crystal
mode to drive the clock. In that case, for the oscillator’s comparator to produce the output clock, drive one of the XTAL_IN or
XTAL_OUT pins. Do not connect anything to the other oscillator pins.
4 This parameter is meant for those who do not use quartz crystals or resonators, but instead use a signal generator clock to
drive the clock in bypass mode. In that case, for the oscillator’s comparator to produce the output clock, drive only the XTAL_IN
pin. Do not connect anything to any other oscillator pin.
5 Leakage current is measured with output drivers disabled and with pullups and pulldowns inactive.
6 Pullup current is measured at V
IL and pulldown current is measured at VIH.
7 See Table 7 for the typical drive capability of a specific signal pin based on the type of output driver associated with that pin as
listed in Table 2.
8 All injection current is transferred to V
DD_IO/VDD_IO_MEM. An external load is required to dissipate this current to maintain the
power supply within the specified voltage range.
Total injection current for all digital input-only and all digital input/output pins must not exceed 10 mA. Exceeding this limit can
cause disruption of normal operation.
Table 6. DC Electrical Specifications (continued)
Characteristic
Condition
Sym
Min
Max
Unit SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com