Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5125 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
48
1. The SYS_XTAL_IN frequency, Sys PLL, and Core PLL settings must be chosen so that the resulting e300 clk, csb_clk, and
MCK frequencies do not exceed their respective maximum or minimum operating frequencies.
2. The values are valid for the user-operation mode. There can be deviations for test modes.
3. When selecting the peripheral clock frequencies, care needs to be taken about requirements for baud rates and minimum
frequency limitation.
4.The DDR data rate is 2x the DDR memory bus frequency.
SYS_XTAL_IN is the input clock multiplied by the system phase-locked loop (Sys PLL) and the clock unit to create the coherent
system bus clock (csb_clk), the internal clock for the DDR controller (ddr_clk), and the clocks for the peripherals.The csb_clk
serves as the clock input to the e300 core. A second PLL inside the e300 core multiplies the csb_clk frequency to create the
internal clock for the e300 core (core_clk). The system and core PLL multipliers are selected by the SPMF and COREPLL fields
in the reset configuration word, which is loaded at power-on reset.
See the MPC5125 Reference Manual (MPC5125RM)
, for more information on the clock subsystem.
4.3.3
Resets
The MPC5125 has three reset pins:
•
PORESET — Power-on reset
•HRESET — Hard reset
•SRESET — Software reset
These signals are asynchronous I/O signals and can be asserted at any time. The input side uses a Schmitt trigger and requires
the same input characteristics as other MPC5125 inputs, as specified in Section 4.1, “DC Electrical Characteristics.”
As long as VDD is not stable the HRESET output is not stable.
The timing relationship can be seen in the following figures.
Table 18. Reset Rise / Fall Timing
Description
Min
Max
Unit
SpecID
PORESET1 fall time
NOTES:
1 Make sure that the PORESET does not carry any glitches. The MPC5125 has no
filter to prevent them from getting into the chip.
—1
ms
A3.4
PORESET rise time
—
1
ms
A3.5
HRESET2,3 fall time
2 HRESET and SRESET must have a monotonous rise time.
3 The assertion of HRESET becomes active at power-on reset without any
SYS_XTAL clock.
—1
ms
A3.6
HRESET rise time
—
1
ms
A3.7
SRESET fall time
—
1
ms
A3.8
SRESET rise time
—
1
ms
A3.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com