Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5243ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5243ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5243ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5243ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADL5243
Data Sheet
Rev. A | Page 6 of 32
Parameter
Conditions
Min
Typ
Max
Unit
DSA FREQUENCY = 450 MHz
Using the DSAIN and DSAOUT pins, minimum
attenuation
Insertion Loss
−1.4
dB
vs. Frequency
±50 MHz
±0.02
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.12
dB
Attenuation Range
Between maximum and minimum attenuation states
30.7
dB
Attenuation Step Error
All attenuation states
±0.14
dB
Attenuation Absolute Error
All attenuation states
±0.39
dB
Input Return Loss
−17.7
dB
Output Return Loss
−17.4
dB
Input Third-Order Intercept
∆f = 1 MHz, POUT = 5 dBm/tone
41.2
dBm
DSA FREQUENCY = 748 MHz
Using the DSAIN and DSAOUT pins, minimum
attenuation
Insertion Loss
−1.5
dB
vs. Frequency
±50 MHz
±0.02
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.12
dB
Attenuation Range
Between maximum and minimum attenuation states
30.9
dB
Attenuation Step Error
All attenuation states
±0.15
dB
Attenuation Absolute Error
All attenuation states
±0.30
dB
Input Return Loss
−17.1
dB
Output Return Loss
−17.1
dB
Input Third-Order Intercept
∆f = 1 MHz, POUT = 5 dBm/tone
40.4
dBm
DSA FREQUENCY = 943 MHz
Using the DSAIN and DSAOUT pins, minimum
attenuation
Insertion Loss
−1.6
dB
vs. Frequency
±18 MHz
±0.01
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.13
dB
Attenuation Range
Between maximum and minimum attenuation states
30.9
dB
Attenuation Step Error
All attenuation states
±0.15
dB
Attenuation Absolute Error
All attenuation states
±0.28
dB
Input Return Loss
−16.0
dB
Output Return Loss
−15.9
dB
Input 1 dB Compression Point
30.5
dBm
Input Third-Order Intercept
∆f = 1 MHz, POUT = 5 dBm/tone
48.3
dBm
DSA FREQUENCY = 1960 MHz
Using the DSAIN and DSAOUT pins, minimum
attenuation
Insertion Loss
−2.5
dB
vs. Frequency
±30 MHz
±0.04
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.18
dB
Attenuation Range
Between maximum and minimum attenuation states
30.8
dB
Attenuation Step Error
All attenuation states
±0.15
dB
Attenuation Absolute Error
All attenuation states
±0.35
dB
Input Return Loss
−10.3
dB
Output Return Loss
−9.6
dB
Input 1 dB Compression Point
31.5
dBm
Input Third-Order Intercept
∆f = 1 MHz, POUT = 5 dBm/tone
44.7
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com