Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5243ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL5243ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5243ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL5243ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADL5243
Data Sheet
Rev. A | Page 26 of 32
ADL5243 LOOP PERFORMANCE
The typical configuration of the ADL5243 is to connect in
AMP1-DSA-AMP2 mode, as shown in Figure 63. Because
AMP1and DSA are broadband in nature and internally
matched, only an ac-coupling capacitor is required between
them. The AMP2 is externally matched for each frequency band
of operation, and these matching elements should be placed
between the DSA and AMP2 and at the output of AMP2.
Figure 37 to Figure 45 show the performance of the ADL5243
when connected in a loop for the three primary frequency
bands of operation, namely 943 MHz, 2140 MHz, and
2630 MHz.
AMP1
RFIN
ADL5243
AMP2
DSA
IMN
OMN
RFOUT
VCC2
VCC
VDD/SPI
Figure 63. ADL5243 Loop Block Diagram
THERMAL CONSIDERATIONS
The ADL5243 is packaged in a thermally efficient, 5 mm × 5 mm,
32-lead LFCSP. The thermal resistance from junction to air (θJA)
is 34.8°C/W. The thermal resistance for the product was
extracted assuming a standard 4-layer JEDEC board with 25
copper platter thermal vias. The thermal vias are filled with
conductive copper paste, AE3030, with a thermal conductivity
of 7.8 W/mk and thermal expansion as follows: α1 of 4 × 10−5/°C
and α2 of 8.6 × 10−5/°C. The thermal resistance from junction to
case (θJC) is 6.2°C/W, where case is the exposed pad of the lead
frame package.
For the best thermal performance, it is recommended to add as
many thermal vias as possible under the exposed pad of the
LFCSP. The above thermal resistance numbers assume a
minimum of 25 thermal vias arranged in a 5 × 5 array with a via
diameter of 13 mils, via pad of 25 mils, and pitch of 25 mils. The
vias are plated with copper, and the drill hole is filled with a
conductive copper paste. For optimal performance, it is
recommended to fill the thermal vias with a conductive paste of
equivalent thermal conductivity, as mentioned above, or use an
external heat sink to dissipate the heat quickly without affecting
the die junction temperature. It is also recommended to extend
the ground pattern as shown in Figure 64 to improve thermal
efficiency.
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 64 shows the recommended land pattern for the ADL5243.
To minimize thermal impedance, the exposed paddle on the
5 mm × 5 mm LFCSP package is soldered down to a ground
plane. To improve thermal dissipation, 25 thermal vias are
arranged in a 5 × 5 array under the exposed paddle. If multiple
ground layers exist, they should be tied together using vias. For
more information on land pattern design and layout, see the
AN-772 Application Note, A Design and Manufacturing Guide for
the Lead Frame Chip Scale Package (LFCSP).
1
DSAIN
DSAOUT
25 MIL VIA PAD
WITH 13 MIL VIA
8
24
17
Figure 64. Recommended Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com