Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5243ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5243ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5243ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5243ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADL5243
Data Sheet
Rev. A | Page 14 of 32
0
5
10
15
20
25
30
35
40
45
2.57
2.59
2.61
2.63
2.65
2.67
2.69
FREQUENCY (GHz)
P1dB
OIP3
GAIN
NF
Figure 21. AMP2–2630 MHz: Gain, P1dB, OIP3 at POUT = 5 dBm/Tone and
Noise Figure vs. Frequency
12.0
12.5
11.0
11.5
13.0
13.5
14.0
14.5
15.0
–40°C
+25°C
+85°C
2.57
2.59
2.61
2.63
2.65
2.67
2.69
FREQUENCY (GHz)
Figure 22. AMP2–2630 MHz: Gain vs. Frequency and Temperature
–30
–25
–20
–15
–10
–5
0
FREQUENCY (GHz)
2.50
2.55
2.60
2.65
2.70
2.75
2.80
S12
S11
S22
Figure 23. AMP2–2630 MHz: Input Return Loss (S11), Output Return Loss
(S22), and Reverse Isolation (S12) vs. Frequency
23.0
23.5
24.5
25.5
26.5
27.5
24.0
25.0
26.0
27.0
28.0
37.0
37.5
38.5
39.5
40.5
41.5
38.0
39.0
40.0
41.0
42.0
–40°C
+25°C
+85°C
2.57
2.59
2.61
2.63
2.65
2.67
2.69
FREQUENCY (GHz)
Figure 24. AMP2–2630 MHz: OIP3 at POUT = 5 dBm/Tone and P1dB vs.
Frequency and Temperature
30
32
34
36
31
33
35
37
38
39
40
41
42
–6 –4 –2
0
2
4
6
8
10 12 14 16 18 20 22
POUT PER TONE (dBm)
2.57GHz
2.63GHz
2.69GHz
Figure 25. AMP2–2630 MHz: OIP3 vs. POUT and Frequency
2.0
2.5
3.0
3.5
4.0
4.5
6.0
5.5
5.0
2.50
2.80
2.77
2.74
2.71
2.68
2.65
2.62
2.59
2.56
2.53
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 26. AMP2–2630 MHz: Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com