Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5243ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL5243ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5243ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL5243ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADL5243
Rev. A | Page 27 of 32
EVALUATION BOARD
The schematic of the ADL5243 evaluation board is shown in
Figure 65. All RF traces on the evaluation board have a
characteristic impedance of 50 Ω and are fabricated from
Rogers3003 material. The traces are CPWG with a width of
25 mils, spacing of 20 mils, and dielectric thickness of 10 mils.
The input and output to the DSA and amplifier should be ac-
coupled with capacitors of appropriate value to ensure
broadband performance. The bias to AMP1 is provided through
a choke connected to the AMP1OUT pin and, similarly, bias to
AMP2 is provided through a choke connected to the AMP2OUT
pin. Bypassing capacitors are recommended on all supply lines
to minimize RF coupling. The DSA and the amplifiers can be
individually biased or connected to the VDD plane through
Resistors R1, R2, and R11.
When configuring the ADL5243 evaluation board in the
AMP1-DSA-AMP2 loop, remove Capacitors C1, C4, C5, and
C8 and remove Resistor R10. Place 100 pF in place of C2, 10 pF
in place of C6, and 0 Ω in place of C7 and C24. If needed,
placing a shunt capacitor (1.3 pF) at the output of the DSA
improves the output return loss of this loop.
On the digital signal traces, provisions for an RC filter are made
to clean any potential coupled noise. In normal operation,
Resistors R3 to R9 are 0 Ω and Capacitors C9 to C15 are open.
Table 10. Evaluation Board Configurations Options
Component
Function
Default Value
C1, C5
AC coupling caps for DSA.
C1, C5 = 100 pF
C4, C21
AC coupling capacitors for AMP1.
C4, C21 = 0.1 μF
C13, C14, C15
Power supply bypassing capacitors for AMP1. Capacitor C15 should be
closest to the device.
C13 = 1 μF
C14 = 1.2 nF
C15 = 68 pF
L1
The bias for AMP1 comes through L1 when connected to a 5 V supply. L1
should be high impedance for the frequency of operation, while
providing low resistance for the dc current.
L1 = 470 nH
C8
AMP2 input ac-coupling capacitor.
C8 = 10 pF
C23
AMP2 output ac-coupling capacitor.
C23 = 10 pF
C22
AMP2 shunt output tuning capacitor.
C22 = 1.0 pF at 244 mils from edge of
package
C26
ANP2 shunt input tuning capacitor.
DNP
C27
AMP2 series input tuning capacitor.
C27 = 2.2 pF
C28
AMP2 shunt input tuning capacitor.
C28 = 1.8 pF at 366 mils from edge of
package
C3, C25, C20
Power supply bypassing capacitors for AMP2. Capacitor C3 should be
closest to the device.
C3 = 10 pF
C25 = 10 nF
C20 = 10 μF
L2
The bias for AMP2 comes through L2 when connected to a 5 V supply. L1
should be high impedance for the frequency of operation, while
providing low resistance for the dc current.
L2 = 9.5 nH
C17
Power supply bypassing capacitor.
C17 = 0.1 μF
R10, R12
Placeholder for the series component for the other frequency band.
R10, R12 = 0 Ω
R3, R4, R5, R6, R7,
R8, R9
Digital signal filter resistors.
R3, R4, R5, R6, R7, R8, R9 = 0 Ω
C9, C10, C11, C12,
C16, C18, C19
Digital signal filter capacitors.
C9, C10, C11, C12, C16, C18, C19 = open
C2, C6, C7, C24
Replace with capacitors and resistors to connect the device in a loop.
C2, C6, C7, C24 = open
R1, R2, R11
Resistors to connect the supply for the amplifier and the DSA to the same
VDD plane.
R1, R2 = open
S1
Switch to change between serial and parallel mode operation; connect
to a supply for parallel mode and to ground for serial mode operation.
3-pin rocker
P1
Digital control.
9-pin connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com