Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5243ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5243ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5243ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5243ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADL5243
Rev. A | Page 23 of 32
ADL5243 AMPLIFIER 2 MATCHING
The AMP2 input and output of the ADL5243 can be easily
matched to 50 Ω with two or three external components and
the microstrip line used as an inductor. Table 8 lists the required
matching components values. All capacitors are Murata
GRM155 series (0402 size), and Inductor L1 is a Coilcraft®
0603CS series (0603 size). For all frequency bands, the
placement of Capacitors C22, C26, and C28 is critical. Table 9
lists the recommended component spacing of C22, C26, and
C28 for the various frequencies. The component spacing is
referenced from the center of the component to the edge of the
package. Figure 59 to Figure 62 show the graphical represent-
ation of the matching network.
Table 8. Component Values
Frequency
C27
C26
C28
C8
C22
C23
L2
R10
R12
748 MHz
0 Ω
Open
5.1 pF
12 pF
1.3 pF
100 pF
56 nH
18 Ω
3.9 nH
943 MHz
0 Ω
3.9 pF
Open
6 pF
1.3 pF
100 pF
56 nH
18 Ω
3.3 nH
2140 MHz
2.2 pF
Open
1.8 pF
10 pF
1 pF
10 pF
9.5 nH
0 Ω
0 Ω
2630 MHz
2.7 pF
1.1 pF
Open
10 pF
1.3 pF
20 pF
9.5 nH
0 Ω
0 Ω
Table 9. Component Spacing
Frequency
C26: λ1 (mils)
C28: λ2 (mils)
C22: λ3 (mils)
748 MHz
N/A
315
201
943 MHz
236
N/A
394
2140 MHz
N/A
366
244
2630 MHz
126
N/A
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com