Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R92 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R92
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R92 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R92 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOL2
I/O Port Sink Current for PB, PC
3V
VOL=0.1VDD
0.6
1.3
¾
mA
5V
VOL=0.1VDD
1.5
3.0
¾
mA
IOL3
I/O Port Sink Current for PD, PE
3V
VOL=0.1VDD
12
24
¾
mA
5V
VOL=0.1VDD
30
60
¾
mA
IOH1
I/O Port Source Current for PA
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
VOH=0.9VDD
-5
-10
¾
mA
IOH2
I/O Port Source Current for PB,
PC
3V
VOH=0.9VDD
-4
-8
¾
mA
5V
VOH=0.9VDD
-10
-20
¾
mA
IOH3
I/O Port Source Current for PD,
PE
3V
VOH=0.9VDD
0.25
0.5
¾
mA
5V
VOH=0.9VDD
0.5
1.0
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
¾
10
30
50
k
W
VBIAS
0.5VDD Bias Voltage (see note 3)
5V
2.3
2.5
2.7
V
VAD
A/D Input Voltage
¾¾
0
¾
VREF
V
VREF
A/D Input Reference Voltage
Range
¾
VAVDD=2.7V~5.5V
1.6
¾
VAVDD+
0.1
V
DNL
A/D Differential Non-Linearity
¾
VAVDD=5V,
VREF=VAVDD,
tAD=0.5
ms
-2
¾
2
LSB
INL
A/D Integral Non-Linearity
¾-4
¾
4
LSB
IADC
Additional Power Consumption
if A/D Converter is Used
3V
¾
¾
0.5
1.0
mA
5V
¾
1.5
3.0
mA
Note:
1. * RTC OSC in slow mode for test condition.
2. set
²LCDEN²=1, set ²COM0EN²=1, reset ²RSEL²=0 in LCDC (1FH) register for ISTB5 measurement.
3. VBIAS voltage is design guarantee. Not for test.
4. VAVDD is the analog circuit supply voltage which does not have an external pin but is connected to VDD inside
the device.
HT46R92
Rev. 1.10
5
November 5, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com