Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R92 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT46R92
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R92 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT46R92 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
HT46R92
Rev. 1.10
43
November 5, 2008
both pins PA0 and PA1 will remain low. In this way the single bit PA0 of the PA register can be used as an on/off control
for both the BZ and BZ buzzer pin outputs. Note that the PA1 data bit in the PA register has no control over the BZ
buzzer pin PA1.
PA0/PA1 Pin Function Control
PAC Register
PAC0
PAC Register
PAC1
PA Data Register
PA0
PA Data Register
PA1
Output
Function
001
x
PA0=BZ
PA1=BZ
000
x
PA0=
²0²
PA1=
²0²
011
x
PA0=BZ
PA1=input line
010
x
PA0=
²0²
PA1=input line
10
x
D
PA0=input line
PA1=D
11
x
x
PA0=input line
PA1=input line
Note:
²x² stands for don¢t care
²D² stands for Data ²0² or ²1²
If configuration options have selected that only the PA0
pin is to function as a BZ buzzer pin, then the PA1 pin
can be used as a normal I/O pin. For the PA0 pin to func-
tion as a BZ buzzer pin, PA0 must be setup as an output
by setting bit PAC0 of the PAC port control register to
zero. The PA0 data bit in the PA data register must also
be set high to enable the buzzer output, if set low pin
PA0 will remain low. In this way the PA0 bit can be used
as an on/off control for the BZ buzzer pin PA0. If the
PAC0 bit of the PAC port control register is set high, then
pin PA0 can still be used as an input even though the
configuration option has configured it as a BZ buzzer
output.
Note that no matter what configuration option is chosen
for the buzzer, if the port control register has setup the
pin to function as an input, then this will override the con-
figuration option selection and force the pin to always
behave as an input pin. This arrangement enables the
pin to be used as both a buzzer pin and as an input pin,
so regardless of the configuration option chosen; the ac-
tual function of the pin can be changed dynamically by
the application program by programming the appropri-
ate port control register bit.
I n t e r n a l C l o c k S o u r c e
P A 0 D a t a
B Z O u t p u t a t P A 0
B Z O u t p u t a t P A 1
P A 1 D a t a
Buzzer Output Pin Control
Note
The above drawing shows the situation where both pins PA0 and PA1 are selected by configuration option to
be BZ and BZ buzzer pin outputs. The Port Control Register of both pins must have already been setup as out-
put. The data setup on pin PA1 has no effect on the buzzer outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com