Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R92 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT46R92
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R92 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT46R92 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
HT46R92
Rev. 1.10
39
November 5, 2008
Oscillator
Various oscillator options offer the user a wide range of
functions according to their various application require-
ments. Three types of system clocks can be selected
while various clock source options for the Watchdog
Timer are provided for maximum flexibility.
The Three methods of generating the system clock are:
· External crystal/resonator oscillator
· External RC oscillator
· External 32768Hz oscillator
The choice of External crystal/resonator or RC system
oscillator is made via a configuration option while the se-
lection of the 32768Hz oscillator is made using the
MODS bit in the MODE register. The 32768Hz Oscillator
must always be connected along with a choice of either
RC or crystal/resonator for correct operation.
More information regarding the oscillator is located in
Application Note HA0075E on the Holtek website.
External Crystal/Resonator Oscillator
The simple connection of a crystal across OSC1 and
OSC2 will create the necessary phase shift and feed-
back for oscillation, and will normally not require exter-
nal capacitors. However, for some crystals and most
resonator types, to ensure oscillation and accurate fre-
quency generation, it may be necessary to add two
small value external capacitors, C1 and C2. The exact
values of C1 and C2 should be selected in consultation
with the crystal or resonator manufacturer
¢s specifica-
tion. The external parallel feedback resistor, Rp, is nor-
mally not required but in some cases may be needed to
assist with oscillation start up.
Internal Ca, Cb, Rf Typical Values @ 5V, 25
°C
Ca
Cb
Rf
11pF~13pF
13pF~15pF
470k
W
Oscillator Internal Component Values
Crystal Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
CL
12MHz
TBD
TBD
TBD
8MHz
TBD
TBD
TBD
4MHz
TBD
TBD
TBD
1MHz
TBD
TBD
TBD
Note:
1. C1 and C2 values are for guidance only.
2. CL is the crystal manufacturer specified
load capacitor value.
Crystal Recommended Capacitor Values
Resonator C1 and C2 Values
Resonator Frequency
C1
C2
3.58MHz
TBD
TBD
1MHz
TBD
TBD
455kHz
TBD
TBD
Note:
C1 and C2 values are for guidance only.
Resonator Recommended Capacitor Values
External RC Oscillator
Using the external system RC oscillator requires that a
resistor, with a value between 24k
W and 1MW, is con-
nected between OSC1 and VDD, and a capacitor is con-
nected to ground. Although this is a cost effective
oscillator configuration, the oscillation frequency can
vary with VDD, temperature and process variations and
is therefore not suitable for applications where timing is
critical or where accurate oscillator frequencies are re-
quired. For the value of the external resistor ROSC refer
to the Holtek website for typical RC Oscillator vs. Tem-
perature and VDD characteristics graphics Here only
the OSC1 pin is used, which is shared with I/O pin PA6,
leaving pin PA5 free for use as a normal I/O pin. Note
that it is the only microcontroller internal circuitry to-
gether with the external resistor, that determine the fre-
quency of the oscillator. The external capacitor shown
on the diagram does not influence the frequency of os-
cillation.
O S C 1
O S C 2
R f
T o i n t e r n a l
c i r c u i t s
I n t e r n a l
O s c i l l a t o r
C i r c u i t
C 1
C 2
C a
C b
R p
N o t e : 1 . R p i s n o r m a l l y n o t r e q u i r e d .
2 . A l t h o u g h n o t s h o w n O S C 1 / O S C 2 p i n s h a v e a p a r a s i t i c
c a p a c i t a n c e o f a r o u n d 7 p F .
External Crystal/Ceramic Oscillator
O S C 1
O S C 2
f S Y S / 4 N M O S O p e n D r a i n
4 7 0 p F
V D D
R O S C
External RC Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com