Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R92 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT46R92
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R92 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT46R92 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
HT46R92
Rev. 1.10
32
November 5, 2008
M O D E R e g i s t e r
S y s t e m C l o c k S e l e c t
1 : 3 2 7 6 8 H z s y s t e m c l o c k
0 : R C / C r y s t a l s y s t e m c l o c k
N o t i m p l e m e n t e d , r e a d a s " 0 "
3 2 7 6 8 H z O s c i l l a t o r Q u i c k S t a r t
1 : s l o w s t a r t
0 : q u i c k s t a r t
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 0
M O D S
b 7
Q O S C
Operation Mode Register
¾ MODE
Operation Mode
The device can operate in three different modes which
are known as Normal, Slow and Power Down. To sup-
port these different modes two system clocks are re-
quired, an RC or Crystal external system oscillator
connected to the OSC1 and OSC2 pins and and a
32768 external Crystal oscillator connected to the
OSC3 and OSC4 pins. Both system clocks must be con-
nected for correct operation.
Mode Selection
The choice of which system clock is used is made using
the MODS bit in the MODE register and can be either an
RC/XTAL oscillator or a 32768Hz RTC. Selecting the
slower 32768Hz oscillator by setting the MODS bit high
will naturally cause the microcontroller to consume less
power; this is known as the Slow Mode. In this mode the
RC or Crystal oscillator will be turned off. Selecting the
higher frequency RC or Crystal oscillator by setting the
MODS bit to zero will place the microcontroller in the
Normal Mode. The other mode, known as the
Power-down Mode can only be entered when a HALT
instruction is executed. Note that in all modes the
32768Hz oscillator continues to run.
If the 32768Hz oscillator is chosen as the system clock,
then the WDT clock source configuration option must
also select the 32768Hz oscillator as its clock source,
otherwise unpredictable system operation may occur.
Mode
System Clock
HALT Instruction
MODS
RC/XTAL Oscillator
32768Hz
Normal
RC/XTAL oscillator
Not Executed
0
On
On
Slow
32768Hz
Not Executed
1
Off
On
Power Down
HALT
Executed
x
Off
On
Operation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com